Electronic Components Datasheet Search
  English  ▼

X  

ST7585 Datasheet(PDF) 9 Page - Sitronix Technology Co., Ltd.

Part # ST7585
Description  66 x 102 Dot Matrix LCD Controller/Driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7585 Datasheet(HTML) 9 Page - Sitronix Technology Co., Ltd.

Back Button ST7585 Datasheet HTML 5Page - Sitronix Technology Co., Ltd. ST7585 Datasheet HTML 6Page - Sitronix Technology Co., Ltd. ST7585 Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST7585 Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST7585 Datasheet HTML 9Page - Sitronix Technology Co., Ltd. ST7585 Datasheet HTML 10Page - Sitronix Technology Co., Ltd. ST7585 Datasheet HTML 11Page - Sitronix Technology Co., Ltd. ST7585 Datasheet HTML 12Page - Sitronix Technology Co., Ltd. ST7585 Datasheet HTML 13Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 51 page
background image
ST7585
Ver 1.0c
9/51
2009/04/14
Pin Name
Type
Description
No. of Pins
ERD
I
Read/Write execution control pin. When parallel interface is selected:
MPU Type
ERD
Description
6800 series
E
Read/Write control input pin.
R/W=
”H“: When E is “H”, D[7:0] are in an
output status.
R/W=
”L“: Signals on D[7:0] are latched at
the falling edge of E signal.
8080 series
/RD
Read enable input pin.
When /RD is
“L”, D[7:0] are in output status.
ERD is not used in serial interfaces and should fix to
“H” by VDD1.
1
I/O
When using 8-bit parallel interface: 6800 or 8080 mode
8-bit bi-directional data bus. Connect to the data bus of 8-bit microprocessor.
When CSB is non-active (CSB=
“H”), D[7:0] pins are high impedance.
I
When using serial interface: 4-LINE or 3-LINE
D7=SCLK : Serial clock input.
D6=SDA : Serial data input.
D5=A0 : Command / Data selection (unused in 3-Line SPI; fix to H by VDD1).
D4=CSB : Chip select pin.
D[3:0] : Not used and should fix to
“H” by VDD1.
D[7:0]
I, O
When using I
2C interface
D7=SCLK : Serial clock input.
D6=SDA_IN
*1 : Serial data input.
D[5:3] : SDA_OUT
*1 : Outputs for acknowledge-bit of the I2C protocol.
D[2]= Not used and should fix to
“H” by VDD1.
D[1:0]=SA[1:0] : Slave address bits. Must set to
“H” by VDD1 or “L” by VSS1.
D[6:3] must connect together (SDA).
*1
CSB is not used in I
2C interface and should fix to “H” by VDD1.
8
Note:
1.
By connecting SDA_IN and SDA_OUT externally, the SDA line becomes fully I
2C interface compatible. Separating
acknowledge-output from serial data input is advantageous for chip-on-glass (COG) applications. In COG applications,
the ITO resistance and the pull-up resistor will form a voltage divider which affects acknowledge-signal level. Larger
ITO resistance will raise the acknowledge-signal level and system cannot recognize this level as a valid logic
“0” level.
By separating SDA_IN from SDA_OUT, the IC can be used in a mode which ignores the acknowledge-bit. For
applications which check acknowledge-bit, it is necessary to minimize the ITO resistance of the SDA_OUT trace to
guarantee a valid low level.
2.
After VDD1 is turned ON, any MPU interface pins cannot be left floating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com