Electronic Components Datasheet Search
  English  ▼

X  

ST7669 Datasheet(PDF) 39 Page - Sitronix Technology Co., Ltd.

Part # ST7669
Description  262K 132x162 Color Dot Matrix LCD Controller/Driver
PDF  216 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7669 Datasheet(HTML) 39 Page - Sitronix Technology Co., Ltd.

Back Button ST7669 Datasheet HTML 35Page - Sitronix Technology Co., Ltd. ST7669 Datasheet HTML 36Page - Sitronix Technology Co., Ltd. ST7669 Datasheet HTML 37Page - Sitronix Technology Co., Ltd. ST7669 Datasheet HTML 38Page - Sitronix Technology Co., Ltd. ST7669 Datasheet HTML 39Page - Sitronix Technology Co., Ltd. ST7669 Datasheet HTML 40Page - Sitronix Technology Co., Ltd. ST7669 Datasheet HTML 41Page - Sitronix Technology Co., Ltd. ST7669 Datasheet HTML 42Page - Sitronix Technology Co., Ltd. ST7669 Datasheet HTML 43Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 216 page
background image
ST7669
Ver 1.3a
39/216
3/2/2009
7.3.8
Tearing Effect Output Line
The Tearing Effect output line supplies to the MPU a Panel synchronization signal. This signal can be enabled or disabled
by the Tearing Effect Line Off & On commands. The signal can be used by the MPU to synchronize Frame Memory Writing
when displaying video images.
Tearing Effect Line Modes
1 st line
2 nd line
3 rd line
162th line
TE
( mode1)
TE
( mode2)
tHDH
tHCYC
20 line
142th line
COM scan
internal signal
tHDH
tVDH
tVDH
t CYCLE
142 line
162line
20 line
142 line
162 line
FRAME
Frame1
Frame2
Mode 1, the Tearing Effect Output signal consists of V-Sync(tVDH) information. It starts at 142
th line signal and ends at the
162
th line signal. There is one high pulse during each frame.
Mode 2, the Tearing Effect Output signal consists of both H-Sync(tHDH) and V-Sync(tVDH) information. TE pin output
tHDH pulse on each COM scan signal. During 142
th ~ 162th line signal, it output a high pulse which equals 1 tHDH + 1
tVDH.
Note: During Sleep In Mode, the Tearing Effect Output Pin is active Low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com