Electronic Components Datasheet Search
  English  ▼

X  

ST7669 Datasheet(PDF) 76 Page - Sitronix Technology Co., Ltd.

Part # ST7669
Description  262K 132x162 Color Dot Matrix LCD Controller/Driver
PDF  216 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7669 Datasheet(HTML) 76 Page - Sitronix Technology Co., Ltd.

Back Button ST7669 Datasheet HTML 72Page - Sitronix Technology Co., Ltd. ST7669 Datasheet HTML 73Page - Sitronix Technology Co., Ltd. ST7669 Datasheet HTML 74Page - Sitronix Technology Co., Ltd. ST7669 Datasheet HTML 75Page - Sitronix Technology Co., Ltd. ST7669 Datasheet HTML 76Page - Sitronix Technology Co., Ltd. ST7669 Datasheet HTML 77Page - Sitronix Technology Co., Ltd. ST7669 Datasheet HTML 78Page - Sitronix Technology Co., Ltd. ST7669 Datasheet HTML 79Page - Sitronix Technology Co., Ltd. ST7669 Datasheet HTML 80Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 216 page
background image
ST7669
Ver 1.3a
76/216
3/2/2009
9.1.3
RDDIDIF: Read Display Identification Information (04H)
A0
RD
WR
D7
D6
D5
D4
D3
D2
D1
D0
HEX
Command
0
1
0
0
0
0
0
0
1
0
0
04H
Dummy Read
1
0
1
-
-
-
-
-
-
-
-
-
2
nd parameter
1
0
1
ID17
ID16
ID15
ID14
ID13
ID12
ID11
ID10
-
3
rd parameter
1
0
1
1
ID26
ID25
ID24
ID23
ID22
ID21
ID20
-
4
th parameter
1
0
1
ID37
ID36
ID35
ID34
ID33
ID32
ID31
ID30
-
Description
This read byte returns 24-bit display identification information.
1st Parameter: dummy read.
The 2nd parameter (ID17 to ID10): LCD module’s manufacturer ID.
The 3rd parameter (ID26 to ID20): LCD module/driver version ID
The 4th parameter (ID37 to ID30): LCD module/driver ID.
NOTE: Commands RDID1/2/3(DAh, DBh, DCh) read data correspond to the parameters 2,3,4 of the
command 04h, respectively.
Restriction
Register
Availablility
Status
Availability
Normal Mode On, Idle Mode Off, Sleep Out
Yes
Normal Mode On, Idle Mode On, Sleep Out
Yes
Partial Mode On, Idle Mode Off, Sleep Out
Yes
Partial Mode On, Idle Mode On, Sleep Out
Yes
Sleep In
Yes
Default
Default Value
Status
ID1
ID2
ID3
Power On Sequence
Not fixed
Not fixed
Not fixed
S/W Reset
Not fixed
Not fixed
Not fixed
H/W Reset
Not fixed
Not fixed
Not fixed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com