Electronic Components Datasheet Search
  English  ▼

X  

ST7669 Datasheet(PDF) 23 Page - Sitronix Technology Co., Ltd.

Part # ST7669
Description  262K 132x162 Color Dot Matrix LCD Controller/Driver
PDF  216 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7669 Datasheet(HTML) 23 Page - Sitronix Technology Co., Ltd.

Back Button ST7669 Datasheet HTML 19Page - Sitronix Technology Co., Ltd. ST7669 Datasheet HTML 20Page - Sitronix Technology Co., Ltd. ST7669 Datasheet HTML 21Page - Sitronix Technology Co., Ltd. ST7669 Datasheet HTML 22Page - Sitronix Technology Co., Ltd. ST7669 Datasheet HTML 23Page - Sitronix Technology Co., Ltd. ST7669 Datasheet HTML 24Page - Sitronix Technology Co., Ltd. ST7669 Datasheet HTML 25Page - Sitronix Technology Co., Ltd. ST7669 Datasheet HTML 26Page - Sitronix Technology Co., Ltd. ST7669 Datasheet HTML 27Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 216 page
background image
ST7669
Ver 1.3a
23/216
3/2/2009
3. 18 bit mode
D17, D16, D15, D14, D13, D12, D11, D10, D9, D8, D7, D6, D5, D4, D3, D2, D1, D0: RRRRRRGGGGGGBBBBBB
There is only 1 write operation for 1 pixel data.
1 pixel data is written in the display data RAM when 1st –write operation finishes. “X” are ignored dummy bits.
(5) Truncated 16M color input mode
1. 8-bit mode
D7, D6, D5, D4, D3, D2, D1, D0: RRRRRRRR
1st-write
D7, D6, D5, D4, D3, D2, D1, D0: GGGGGGGG
2nd-write
D7, D6, D5, D4, D3, D2, D1, D0: BBBBBBBB
3rd-write
There are 3 write operations for 1 pixel data.
1st pixel data is written in the display data RAM when 3rd–write operation finishes. “X” are ignored dummy bits.
2. 16 bit mode
D15, D14, D13, D12, D11, D10, D9, D8, D7, D6, D5, D4, D3, D2, D1, D0: RRRRRRRRGGGGGGGG
1st-write
D15, D14, D13, D12, D11, D10, D9, D8, D7, D6, D5, D4, D3, D2, D1, D0: BBBBBBBBXXXXXXXX
2nd-write
There are 2 write operations for 1 pixel data.
1st pixel data is written in the display data RAM when 2nd –write operation finishes. “X” are ignored dummy bits.
7.1.3
8- and 9-bit Serial Interface
The 8-bit serial interface uses four pins /CS, SI, SCL, and A0 to enter commands and data. Meanwhile, the 9-bit serial
interface uses three pins /CS, SI and SCL for the same purpose.
Data read is not available in the serial interface. Data entered must be 8 bits. The relation between gray-scale data and
data bus in the serial input is the same as that in the 8-bit parallel interface mode at every gradation.
(1) 8-bit serial interface (4-line)
When entering data (parameters): A0= HIGH at the rising edge of the 8
th SCL.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com