Electronic Components Datasheet Search
  English  ▼

X  

ST7669 Datasheet(PDF) 72 Page - Sitronix Technology Co., Ltd.

Part # ST7669
Description  262K 132x162 Color Dot Matrix LCD Controller/Driver
PDF  216 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7669 Datasheet(HTML) 72 Page - Sitronix Technology Co., Ltd.

Back Button ST7669 Datasheet HTML 68Page - Sitronix Technology Co., Ltd. ST7669 Datasheet HTML 69Page - Sitronix Technology Co., Ltd. ST7669 Datasheet HTML 70Page - Sitronix Technology Co., Ltd. ST7669 Datasheet HTML 71Page - Sitronix Technology Co., Ltd. ST7669 Datasheet HTML 72Page - Sitronix Technology Co., Ltd. ST7669 Datasheet HTML 73Page - Sitronix Technology Co., Ltd. ST7669 Datasheet HTML 74Page - Sitronix Technology Co., Ltd. ST7669 Datasheet HTML 75Page - Sitronix Technology Co., Ltd. ST7669 Datasheet HTML 76Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 216 page
background image
ST7669
Ver 1.3a
72/216
3/2/2009
Hex Command
A0
/RD
/WR
D7
D6
D5
D4
D3
D2
D1
D0
Function
Ref
(F1h) FRM8SEL
0
1
0
1
1
1
1
0
0
0
1
Frame Freq Temp range
A,B,C and D (idle)
9.1.69
1
1
0
-
-
-
F8A4 F8A3 F8A2 F8A1 F8A0
1
1
0
-
-
-
F8B4 F8B3 F8B2 F8B1 F8B0
1
1
0
-
-
-
F8C4 F8C3 F8C2 F8C1 F8C0
1
1
0
-
-
-
F8D4 F8D3 F8D2 F8D1 F8D0
(F2h) TMPRNG
0
1
0
1
1
1
1
0
0
1
0
Temp range A,B and C
9.1.70
1
1
0
-
TA6
TA5
TA4
TA3
TA2
TA1
TA0
1
1
0
-
TB6
TB5
TB4
TB3
TB2
TB1
TB0
1
1
0
-
TC6 TC5 TC4 TC3 TC2 TC1 TC0
(F3h) TMPHYS
0
1
0
1
1
1
1
0
0
1
1
Hysteresis value set
9.1.71
1
1
0
-
-
-
-
TH3 TH2 TH1 TH0
(F4h) TEMPSEL
0
1
0
1
1
1
1
0
1
0
0
TEMPSEL
9.1.72
1
1
0
MT13 MT12 MT11 MT10 MT03 MT02 MT01 MT00
1
1
0
MT33 MT32 MT31 MT30 MT23 MT22 MT21 MT20
1
1
0
MT53 MT52 MT51 MT50 MT43 MT42 MT41 MT40
1
1
0
MT73 MT72 MT71 MT70 MT63 MT62 MT61 MT60
1
1
0
MT93 MT92 MT91 MT90 MT83 MT82 MT81 MT80
1
1
0
MTB3 MTB2 MTB1 MTB0 MTA3 MTA2 MTA1 MTA0
1
1
0
MTD3 MTD2 MTD1 MTD0 MTC3 MTC2 MTC1 MTC0
1
1
0
MTF3 MTF2 MTF1 MTF0 MTE3 MTE2 MTE1 MTE0
(F7h) THYS
0
1
0
1
1
1
1
0
1
1
1
Temperature detection
threshold
9.1.73
1
1
0
THYS7
THYS6
THYS5
THYS4
THYS3
THYS2
THYS1
THYS0
(F9h) Frame Set
0
1
0
1
1
1
1
1
0
0
1
Set Frame RGB PWM
value
9.1.74
1
1
0
-
-
-
P14
P13
P12
P11
P10
1
1
0
-
-
-
P24
P23
P22
P21
P20
:
:
:
:
:
:
:
:
:
:
:
1
1
0
-
-
-
P154 P153 P152 P151 P150
1
1
0
-
-
-
P164 P163 P162 P161 P160



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com