Electronic Components Datasheet Search
  English  ▼

X  

ST7669 Datasheet(PDF) 5 Page - Sitronix Technology Co., Ltd.

Part # ST7669
Description  262K 132x162 Color Dot Matrix LCD Controller/Driver
PDF  216 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7669 Datasheet(HTML) 5 Page - Sitronix Technology Co., Ltd.

  ST7669 Datasheet HTML 1Page - Sitronix Technology Co., Ltd. ST7669 Datasheet HTML 2Page - Sitronix Technology Co., Ltd. ST7669 Datasheet HTML 3Page - Sitronix Technology Co., Ltd. ST7669 Datasheet HTML 4Page - Sitronix Technology Co., Ltd. ST7669 Datasheet HTML 5Page - Sitronix Technology Co., Ltd. ST7669 Datasheet HTML 6Page - Sitronix Technology Co., Ltd. ST7669 Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST7669 Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST7669 Datasheet HTML 9Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 216 page
background image
ST7669
Ver 1.3a
5/216
3/2/2009
140
VSS2
1827.75
-394.50
141
VSS2
1907.75
-394.50
142
VSS2
1987.75
-394.50
143
VSS2
2067.75
-394.50
144
VSS2
2147.75
-394.50
145
VSS2
2227.75
-394.50
146
VSS2
2307.75
-394.50
147
VSS4
2387.75
-394.50
148
VSS4
2467.75
-394.50
149
VDD3
2547.75
-394.50
150
VDD3
2627.75
-394.50
151
VDD4
2707.75
-394.50
152
VDD4
2787.75
-394.50
153
VDD5
2867.75
-394.50
154
VDD5
2947.75
-394.50
155
VDD5
3027.75
-394.50
156
VDD5
3107.75
-394.50
157
VDD5
3187.75
-394.50
158
VDD5
3267.75
-394.50
159
VDD5
3347.75
-394.50
160
VDD5
3427.75
-394.50
161
VDD2
3507.75
-394.50
162
VDD2
3587.75
-394.50
163
VDD2
3667.75
-394.50
164
VDD2
3747.75
-394.50
165
VDD2
3827.75
-394.50
166
VDD2
3907.75
-394.50
167
VDD2
3987.75
-394.50
168
VDD2
4067.75
-394.50
169
VDD2
4147.75
-394.50
170
VDD2
4227.75
-394.50
171
Vm
4307.75
-394.50
172
VREF
4387.75
-394.50
173
V0in
4467.75
-394.50
174
V0in
4547.75
-394.50
175
V0in
4627.75
-394.50
176
V0in
4707.75
-394.50
177
V0s
4787.75
-394.50
178
V0out
4867.75
-394.50
179
V0out
4947.75
-394.50
180
XV0out
5027.75
-394.50
181
XV0out
5107.75
-394.50
182
XV0s
5187.75
-394.50
183
XV0in
5267.75
-394.50
184
XV0in
5347.75
-394.50
185
XV0in
5427.75
-394.50
186
XV0in
5507.75
-394.50
187
Vgout
5587.75
-394.50
188
Vgout
5667.75
-394.50
189
Vgs
5747.75
-394.50
190
Vgin
5827.75
-394.50
191
Vgin
5907.75
-394.50
192
Vgin
5987.75
-394.50
193
Vgin
6067.75
-394.50
194
Vgin
6147.75
-394.50
195
Vgin
6227.75
-394.50
196
Vgin
6307.75
-394.50
197
Vgin
6387.75
-394.50
198
VSS
6467.75
-394.50
199
DUMMY
6547.75
-394.50
200
TGO
6608.30
-367.71
201
COM1
6668.45
-367.71
202
COM3
6695.45
-367.71
203
COM5
6722.45
-367.71
204
COM7
6749.45
-367.71
205
TRBO
6897.71
-421.50
206
TRBI
6897.71
-394.50
207
COM9
6897.71
-337.50
208
COM11
6897.71
-310.50
209
COM13
6897.71
-283.50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com