Electronic Components Datasheet Search
  English  ▼

X  

ST7669 Datasheet(PDF) 59 Page - Sitronix Technology Co., Ltd.

Part # ST7669
Description  262K 132x162 Color Dot Matrix LCD Controller/Driver
PDF  216 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7669 Datasheet(HTML) 59 Page - Sitronix Technology Co., Ltd.

Back Button ST7669 Datasheet HTML 55Page - Sitronix Technology Co., Ltd. ST7669 Datasheet HTML 56Page - Sitronix Technology Co., Ltd. ST7669 Datasheet HTML 57Page - Sitronix Technology Co., Ltd. ST7669 Datasheet HTML 58Page - Sitronix Technology Co., Ltd. ST7669 Datasheet HTML 59Page - Sitronix Technology Co., Ltd. ST7669 Datasheet HTML 60Page - Sitronix Technology Co., Ltd. ST7669 Datasheet HTML 61Page - Sitronix Technology Co., Ltd. ST7669 Datasheet HTML 62Page - Sitronix Technology Co., Ltd. ST7669 Datasheet HTML 63Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 216 page
background image
ST7669
Ver 1.3a
59/216
3/2/2009
7.9.2
Voltage Follower Circuits
There is a build-in voltage follower circuits in ST7669 for generating Vg and Vm. These voltages are decided by bias
ratio selection circuitry which is set by users with software to control 1/5 to 1/14 bias ratios to match the optimum display
performance of LCD panel. Bias driving rule is listed below:
LCD bias
Vg
Vm
1/N bias
(2/N) x V0
(1/N) x V0
N=5 to 14
7.9.3
OTP Setting Flow
ST7669 provides the Write and Read function to write the electronic control value and built-in resistance ratio into
OTP (One-time programming register), and then read them from it. Using the Write and Read functions, you can store
these values appropriate to each LCD panel. This function is very convenient for user in setting from some different panel’s
voltage. But using this function must attention the setting procedure. Please see the following diagram.
Figure 7.9-2
OTP programming flow
Note1: This setting flow is used for LCM assembler.
Note2: OTP shouldn’t be written without preceding loading correctly from OTP in order to avoid some errors
during IC operation.
Note3: When writing to OTP, the voltage of VPP must be 7.50~7.75V; the current of Ivpp must be more than 4 mA.
Note4: If the OTP is exposed to a high temperature for hours, data in the memory cell may probably be lost before
the data retention guarantee period. To retain data in the memory cell, keep the memory cell below 90
.
℃
℃
℃
℃
The data retention guarantee period is specified including the retention period.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com