Electronic Components Datasheet Search
  English  ▼

X  

ST7669 Datasheet(PDF) 86 Page - Sitronix Technology Co., Ltd.

Part # ST7669
Description  262K 132x162 Color Dot Matrix LCD Controller/Driver
PDF  216 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7669 Datasheet(HTML) 86 Page - Sitronix Technology Co., Ltd.

Back Button ST7669 Datasheet HTML 82Page - Sitronix Technology Co., Ltd. ST7669 Datasheet HTML 83Page - Sitronix Technology Co., Ltd. ST7669 Datasheet HTML 84Page - Sitronix Technology Co., Ltd. ST7669 Datasheet HTML 85Page - Sitronix Technology Co., Ltd. ST7669 Datasheet HTML 86Page - Sitronix Technology Co., Ltd. ST7669 Datasheet HTML 87Page - Sitronix Technology Co., Ltd. ST7669 Datasheet HTML 88Page - Sitronix Technology Co., Ltd. ST7669 Datasheet HTML 89Page - Sitronix Technology Co., Ltd. ST7669 Datasheet HTML 90Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 216 page
background image
ST7669
Ver 1.3a
86/216
3/2/2009
9.1.8
RDDIM: Read Display Image Mode (0DH)
A0
RD
WR
D7
D6
D5
D4
D3
D2
D1
D0
HEX
Command
0
1
0
0
0
0
0
1
1
0
1
0DH
1
st parameter
1
0
1
-
-
-
-
-
-
-
-
-
2
nd parameter
1
0
1
D7
0
D5
D4
D3
0
0
0
-
Description
This command indicates the current status of the display as described in the table below:
Bit
Description
Command
0
Vertical scrolling off
D7
Vertical Scrolling On/Off
1
Vertical scrolling is On,
0
No used
D6
Horizontal Scrolling On/Off
1
No used
0
Inversion is Off
D5
Inversion On/Off
1
Inversion is On
0
Normal Mode
D4
All Pixels On
1
All Pixels are on
0
Normal Mode
D3
All Pixels Off
1
All Pixels are off
D2
D1
D0
Gamma Curve Selection
0
No used
Restriction
Register
Availablility
Status
Availability
Normal Mode On, Idle Mode Off, Sleep Out
Yes
Normal Mode On, Idle Mode On, Sleep Out
Yes
Partial Mode On, Idle Mode Off, Sleep Out
Yes
Partial Mode On, Idle Mode On, Sleep Out
Yes
Sleep In
Yes
Default
Status
Default Value (D7 to D0)
Power On Sequence
0000_0000 (00h)
S/W Reset
0000_0000 (00h)
H/W Reset
0000_0000 (00h)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com