Electronic Components Datasheet Search
  English  ▼

X  

JBW030F Datasheet(PDF) 12 Page - Lineage Power Corporation

Part # JBW030F
Description  36-75 Vdc Input; 3.3 Vdc and 5 Vdc Outputs; 30 W
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

JBW030F Datasheet(HTML) 12 Page - Lineage Power Corporation

Back Button JBW030F Datasheet HTML 8Page - Lineage Power Corporation JBW030F Datasheet HTML 9Page - Lineage Power Corporation JBW030F Datasheet HTML 10Page - Lineage Power Corporation JBW030F Datasheet HTML 11Page - Lineage Power Corporation JBW030F Datasheet HTML 12Page - Lineage Power Corporation JBW030F Datasheet HTML 13Page - Lineage Power Corporation JBW030F Datasheet HTML 14Page - Lineage Power Corporation JBW030F Datasheet HTML 15Page - Lineage Power Corporation JBW030F Datasheet HTML 16Page - Lineage Power Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Data Sheet
March 27, 2008
36-75 Vdc Input; 3.3 Vdc and 5 Vdc Outputs; 30 W
JBW030-Series Power Module: dc-dc Converters
12
Lineage Power
Thermal Considerations (continued)
Forced Convection Cooling
To determine the necessary airflow, determine the
power dissipated by the unit for the particular applica-
tion. Figures 19 and 20 show typical power
dissipation for these power modules over a range of
output currents. With the known power dissipation and
a given local ambient temperature, the appropriate air-
flow can be chosen from the derating curves in
Figure 21. For example, if the JBW030A dissipates 6.2
W, the minimum airflow in a 80 °C environment is
1 ms–1 (200 ft./min.).
1-0762
Figure 19. JBW030F Power Dissipation vs.
Output Current
1-0761
Figure 20. JBW030A Power Dissipation vs.
Output Current
8-1051(C)
Figure 21. Forced Convection Power Derating with
No Heat Sink; Either Orientation
Heat Sink Selection
Several heat sinks are available for these modules.
The case includes through-threaded mounting holes
allowing attachment of heat sinks or cold plates from
either side of the module. The mounting torque must
not exceed 0.56 N-m (5 in./lb.).
Figure 22 shows the case-to-ambient thermal resis-
tance,
θ (°C/W), for these modules. These curves can
be used to predict which heat sink will be needed for a
particular environment. For example, if the JBW030A
dissipates 7 W of heat in an 80 °C environment with an
airflow of 0.7 ms–1 (130 ft./min.), the minimum heat
sink required can be determined as follows:
where:
θ = module’s total thermal resistance
TC,max = case temperature (See Figure 18.)
TA = inlet ambient temperature
(See Figure 18.)
PD = power dissipation
θ ≤ (100 – 80)/7
θ ≤ 2.9 °C/W
From Figure 22, the 1/2 in. high heat sink or greater is
required.
OUTPUT CURRENT, IO (A)
0
1
2
3
4
5
6
7
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
6.5
VI = 36 V
VI = 48 V
VI = 75 V
0
1
2
3
4
5
6
7
8
012345
6
OUTPUT CURRENT, IO (A)
VI = 75 V
VI = 48 V
VI = 36 V
30
40
50
60
70
100
0
5
6
7
8
LOCAL AMBIENT TEMPERATURE, TA (˚C)
4
3
2
1
80
90
2.0 ms-1(400 ft./min.)
1.0 ms-1(200 ft./min.)
0.5 ms-1(100 ft./min.)
NATURAL
CONVECTION
9
θ
TC max
TA
–
,
() PD
⁄
≤



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com