Electronic Components Datasheet Search
  English  ▼

X  

JBW030F Datasheet(PDF) 7 Page - Lineage Power Corporation

Part # JBW030F
Description  36-75 Vdc Input; 3.3 Vdc and 5 Vdc Outputs; 30 W
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

JBW030F Datasheet(HTML) 7 Page - Lineage Power Corporation

Back Button JBW030F Datasheet HTML 3Page - Lineage Power Corporation JBW030F Datasheet HTML 4Page - Lineage Power Corporation JBW030F Datasheet HTML 5Page - Lineage Power Corporation JBW030F Datasheet HTML 6Page - Lineage Power Corporation JBW030F Datasheet HTML 7Page - Lineage Power Corporation JBW030F Datasheet HTML 8Page - Lineage Power Corporation JBW030F Datasheet HTML 9Page - Lineage Power Corporation JBW030F Datasheet HTML 10Page - Lineage Power Corporation JBW030F Datasheet HTML 11Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Lineage Power
7
Data Sheet
March 27, 2008
36-75 Vdc Input; 3.3 Vdc and 5 Vdc Outputs; 30 W
JBW030-Series Power Module: dc-dc Converters
Characteristic Curves (continued)
1-0882
Figure 9. JBW030A Typical Output Voltage for a
Step Load Change from 50% to 25%
8-733a
Figure 10. Typical Output Voltage Start-Up when
Signal Applied to Remote On/Off
Test Configurations
8-489(C)
Note: Input reflected-ripple current is measured with a simulated
source impedance of 12 µH. Capacitor CS offsets possible
battery impedance. Current is measured at the input of the
module.
Figure 11. Input Reflected-Ripple Test Setup
8-513(C)
Note: Use a 0.1 µF ceramic capacitor. Scope measurement should
be made using a BNC socket. Position the load between
50 mm and 75 mm (2 in. and 3 in.) from the module.
Figure 12. Peak-to-Peak Output Noise
Measurement Test Setup
8-749(C).a
Note: All measurements are taken at the module terminals. When
socketing, place Kelvin connections at module terminals to
avoid measurement errors due to socket contact resistance.
Figure 13. Output Voltage and Efficiency
Measurement Test Setup
TIME, t (0.2 ms/div)
TIME, t (10 ms/div)
100
80
40
TO OSCILLOSCOPE
CS 220 µF
IMPEDANCE < 0.1
@ 20 ˚C, 100 kHz
VI(+)
VI(-)
LTEST
BATTERY
12 µH
Ω
CURRENT
PROBE
VO(+)
VO(–)
RESISTIVE
LOAD
SCOPE
COPPER STRIP
0.1 µF
VI (+)/CASE
I I
I O
SUPPLY
CONTACT
RESISTANCE
CONTACT AND
DISTRIBUTION LOSSES
LOAD
SENSE(+)
VI(–)
VO (+)
VO (–)
SENSE(–)
η
VO(+) VO(–)
–
[] IO
VI(+) VI(–)
–
[] II
-----------------------------------------------------
⎝⎠
⎛⎞ 100
×
=
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com