Electronic Components Datasheet Search
  English  ▼

X  

JBW030F Datasheet(PDF) 6 Page - Lineage Power Corporation

Part # JBW030F
Description  36-75 Vdc Input; 3.3 Vdc and 5 Vdc Outputs; 30 W
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

JBW030F Datasheet(HTML) 6 Page - Lineage Power Corporation

Back Button JBW030F Datasheet HTML 2Page - Lineage Power Corporation JBW030F Datasheet HTML 3Page - Lineage Power Corporation JBW030F Datasheet HTML 4Page - Lineage Power Corporation JBW030F Datasheet HTML 5Page - Lineage Power Corporation JBW030F Datasheet HTML 6Page - Lineage Power Corporation JBW030F Datasheet HTML 7Page - Lineage Power Corporation JBW030F Datasheet HTML 8Page - Lineage Power Corporation JBW030F Datasheet HTML 9Page - Lineage Power Corporation JBW030F Datasheet HTML 10Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
Lineage Power
Data Sheet
March 27, 2008
36-75 Vdc Input; 3.3 Vdc and 5 Vdc Outputs; 30 W
JBW030-Series Power Module: dc-dc Converters
Characteristic Curves (continued)
1-0878
Figure 5. JBW030ATypical Converter Efficiency
vs. Output Current
1-0879
Figure 6. JBW030F Typical Output Voltage for a
Step Load Change from 50% to 75%
1-0880
Figure 7. JBW030A Typical Output Voltage for a
Step Load Change from 50% to 75%
1-0881
Figure 8. JBW030F Typical Output Voltage for a
Step Load Change from 50% to 25%
70
71
72
73
74
75
76
77
78
79
80
81
82
83
84
01
23
45
6
OUTPUT CURRENT, IO (A)
VI = 36 V
VI = 48 V
VI = 75 V
TIME, t (0.2 ms/div)
TIME, t (0.2 ms/div)
TIME, t (0.2 ms/div)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com