Electronic Components Datasheet Search
  English  ▼

X  

JBW030F Datasheet(PDF) 3 Page - Lineage Power Corporation

Part # JBW030F
Description  36-75 Vdc Input; 3.3 Vdc and 5 Vdc Outputs; 30 W
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

JBW030F Datasheet(HTML) 3 Page - Lineage Power Corporation

  JBW030F Datasheet HTML 1Page - Lineage Power Corporation JBW030F Datasheet HTML 2Page - Lineage Power Corporation JBW030F Datasheet HTML 3Page - Lineage Power Corporation JBW030F Datasheet HTML 4Page - Lineage Power Corporation JBW030F Datasheet HTML 5Page - Lineage Power Corporation JBW030F Datasheet HTML 6Page - Lineage Power Corporation JBW030F Datasheet HTML 7Page - Lineage Power Corporation JBW030F Datasheet HTML 8Page - Lineage Power Corporation JBW030F Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Lineage Power
3
Data Sheet
March 27, 2008
36-75 Vdc Input; 3.3 Vdc and 5 Vdc Outputs; 30 W
JBW030-Series Power Module: dc-dc Converters
Electrical Specifications (continued)
Table 2. Output Specifications
Parameter
Device Code or
Code Suffix
Symbol
Min
Typ
Max
Unit
Output Voltage Set Point
(VI = 48 V; IO = IO, max; TC = 25 °C)
JBW030F
JBW030A
VO, set
VO, set
3.25
4.95
3.3
5.0
3.35
5.05
Vdc
Vdc
Output Voltage
(Over all operating input voltage,
resistive load, and temperature
conditions until end of life. See
Figure 13.)
JBW030F
JBW030A
VO
VO
3.20
4.85
—
—
3.40
5.15
Vdc
Vdc
Output Regulation:
Line (VI = 36 V to 75 V)
Load (IO = IO, min to IO, max)
Temperature
(TC = –40 °C to +100 °C)
All
All
JBW030F
JBW030A
—
—
—
—
—
—
—
—
0.01
0.05
0.75
0.5
0.1
0.2
1.5
1.5
%VO
%VO
%VO
%VO
Output Ripple and Noise Voltage
(See Figure 12.):
RMS
Peak-to-peak (5 Hz to 20 MHz)
All
All
—
—
—
—
—
—
20
150
mVrms
mVp-p
Output Current
(At IO < IO, min, the modules may
exceed output ripple specifications;
see Figures 2 and 3.)
JBW030F
JBW030A
IO
IO
0.6
0.6
—
—
6.5
6.0
A
A
Output Current-limit Inception
(VO = 90% of VO, nom)
JBW030F
JBW030A
IO
IO
—
—
8.5
8.0
—
—
A
A
Output Short-circuit Current
(VO = 250 mV)
JBW030F
JBW030A
—
—
—
—
10.0
9.5
13
12.5
A
A
Efficiency
(VI = 48 V; IO = IO, max; TC = 25 °C;
see Figures 4, 5 and 13.)
JBW030F
JBW030A
η
η
75
79
78
82
—
—
%
%
Switching Frequency
All
—
—
300
—
kHz
Dynamic Response
(
ΔIO/Δt = 1 A/10 µs, VI = 48 V,
TC = 25 °C; see Figures 6 — 9.):
Load Change from IO = 50% to 75%
of IO, max:
Peak Deviation
Settling Time
(VO < 10% peak deviation)
Load Change from IO = 50% to 25%
of IO, max:
Peak Deviation
Settling Time
(VO < 10% of peak deviation)
JBW030F
JBW030A
All
JBW030F
JBW030A
All
—
—
—
—
—
—
—
—
—
—
—
—
5
2
0.5
5
2
0.5
—
—
—
—
—
—
%VO, set
%VO, set
ms
%VO, set
%VO, set
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com