Electronic Components Datasheet Search
  English  ▼

X  

JBW030F Datasheet(PDF) 10 Page - Lineage Power Corporation

Part # JBW030F
Description  36-75 Vdc Input; 3.3 Vdc and 5 Vdc Outputs; 30 W
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

JBW030F Datasheet(HTML) 10 Page - Lineage Power Corporation

Back Button JBW030F Datasheet HTML 6Page - Lineage Power Corporation JBW030F Datasheet HTML 7Page - Lineage Power Corporation JBW030F Datasheet HTML 8Page - Lineage Power Corporation JBW030F Datasheet HTML 9Page - Lineage Power Corporation JBW030F Datasheet HTML 10Page - Lineage Power Corporation JBW030F Datasheet HTML 11Page - Lineage Power Corporation JBW030F Datasheet HTML 12Page - Lineage Power Corporation JBW030F Datasheet HTML 13Page - Lineage Power Corporation JBW030F Datasheet HTML 14Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
Lineage Power
Data Sheet
March 27, 2008
36-75 Vdc Input; 3.3 Vdc and 5 Vdc Outputs; 30 W
JBW030-Series Power Module: dc-dc Converters
Feature Descriptions (continued)
Output Voltage Set-Point Adjustment
(Trim) (continued)
The combination of the output voltage adjustment and
sense range and the output voltage given in the Fea-
ture Specifications table cannot exceed 110% of the
nominal output voltage between the VO(+) and VO(–)
terminals.
The JBW030-Series Power Modules have a fixed cur-
rent-limit set point. Therefore, as the output voltage is
adjusted down, the available output power is reduced.
In addition, the minimum output current is a function of
the output voltage. As the output voltage is adjusted
down, the minimum required output current can
increase.
8-748(C)b
Figure 16. Circuit Configuration to Decrease
Output Voltage
8-715(C)b
Figure 17. Circuit Configuration to Increase Output
Voltage
Output Overvoltage Protection
The output overvoltage clamp consists of control cir-
cuitry, independent of the primary regulation loop, that
monitors the voltage on the output terminals. The con-
trol loop of the clamp has a higher voltage set point
than the primary loop (see Feature Specifications
table). This provides a redundant voltage-control that
reduces the risk of output overvoltage.
VI (+)
VI (–)
ON/OFF
CASE
VO (+)
VO(–)
SENSE(+)
TRIM
SENSE(–)
Radj-down
RLOAD
VI(+)
VI(–)
ON/OFF
CASE
VO(+)
VO(–)
SENSE(+)
TRIM
SENSE(–)
Radj-up
RLOAD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com