Electronic Components Datasheet Search
  English  ▼

X  

JBW030F Datasheet(PDF) 5 Page - Lineage Power Corporation

Part # JBW030F
Description  36-75 Vdc Input; 3.3 Vdc and 5 Vdc Outputs; 30 W
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

JBW030F Datasheet(HTML) 5 Page - Lineage Power Corporation

  JBW030F Datasheet HTML 1Page - Lineage Power Corporation JBW030F Datasheet HTML 2Page - Lineage Power Corporation JBW030F Datasheet HTML 3Page - Lineage Power Corporation JBW030F Datasheet HTML 4Page - Lineage Power Corporation JBW030F Datasheet HTML 5Page - Lineage Power Corporation JBW030F Datasheet HTML 6Page - Lineage Power Corporation JBW030F Datasheet HTML 7Page - Lineage Power Corporation JBW030F Datasheet HTML 8Page - Lineage Power Corporation JBW030F Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Lineage Power
5
Data Sheet
March 27, 2008
36-75 Vdc Input; 3.3 Vdc and 5 Vdc Outputs; 30 W
JBW030-Series Power Module: dc-dc Converters
Characteristic Curves
1-0763
Figure 1. Typical Input Characteristics
1-0727
Figure 2. JBW030A Typical Output Characteristics
1-0726
Figure 3. JBW030F Typical Output Characteristics
1-0760
Figure 4. JBW030F Typical Converter Efficiency
vs. Output Current
0
0.2
0.4
0.6
0.8
1
1.2
30
35
40
45
50
55
60
65
70
75
INPUT VOLTAGE, VI (V)
IO = 6 A
IO = 3 A
IO = 0.5 A
0
1
2
3
4
5
6
02
46
8
10
OUTPUT CURRENT, IO (A)
VI = 36 V
VI = 48 V
VI = 75 V
0
0.5
1
1.5
2
2.5
3
3.5
012345
6789
10
11
OUTPUT CURRENT, IO (A)
VI = 36 V
VI = 48 V
VI = 75 V
50
55
60
65
70
75
80
85
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
6.5
OUTPUT CURRENT, IO (A)
VI = 36 V
VI = 48 V
VI = 75 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com