Electronic Components Datasheet Search
  English  ▼

X  

JBW030F Datasheet(PDF) 4 Page - Lineage Power Corporation

Part # JBW030F
Description  36-75 Vdc Input; 3.3 Vdc and 5 Vdc Outputs; 30 W
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

JBW030F Datasheet(HTML) 4 Page - Lineage Power Corporation

  JBW030F Datasheet HTML 1Page - Lineage Power Corporation JBW030F Datasheet HTML 2Page - Lineage Power Corporation JBW030F Datasheet HTML 3Page - Lineage Power Corporation JBW030F Datasheet HTML 4Page - Lineage Power Corporation JBW030F Datasheet HTML 5Page - Lineage Power Corporation JBW030F Datasheet HTML 6Page - Lineage Power Corporation JBW030F Datasheet HTML 7Page - Lineage Power Corporation JBW030F Datasheet HTML 8Page - Lineage Power Corporation JBW030F Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
4
Lineage Power
Data Sheet
March 27, 2008
36-75 Vdc Input; 3.3 Vdc and 5 Vdc Outputs; 30 W
JBW030-Series Power Module: dc-dc Converters
Electrical Specifications (continued)
Table 3. Isolation Specifications
General Specifications
Feature Specifications
Unless otherwise indicated, specifications apply over all operating input voltage, resistive load, and temperature
conditions. See Feature Descriptions and Design Considerations for further information.
Parameter
Min
Typ
Max
Unit
Isolation Capacitance
—
2500
—
pF
Isolation Resistance
10
—
—
M
Ω
Parameter
Min
Typ
Max
Unit
Calculated MTBF (IO = 80% of IO, max; TC = 40 °C)
4,370,000
hours
Weight
—
—
113 (4.0)
g (oz.)
Parameter
Device Code or
Code Suffix
Symbol
Min
Typ
Max
Unit
Remote On/Off
(VI = 36 V to 75 V; open collector or
equivalent compatible; signal referenced to
VI(–) terminal. See Figure 14 and Feature
Descriptions.):
JW030x1-M Negative Logic:
Logic Low—Module On
Logic High—Module Off
JW030x-M Positive Logic:
Logic Low—Module Off
Logic High—Module On
Module Specifications:
On/Off Current—Logic Low
On/Off Voltage:
Logic Low
Logic High (Ion/off = 0)
Open Collector Switch Specifications:
Leakage Current During Logic High
(Von/off = 10 V)
Output Low Voltage During Logic Low
(Ion/off = 1 mA)
Turn-on Time (@ 80% of IO, max;
TA = 25 °C; VO within ±1% of steady
state; see Figure 10.)
Output Voltage Overshoot
All
All
All
All
All
All
All
Ion/off
Von/off
Von/off
Ion/off
Von/off
—
—
—
–0.7
—
—
—
—
—
—
—
—
—
—
80
0
1.0
1.2
15
50
1.2
150
5
mA
V
V
µA
V
ms
%
Output Voltage Sense Range
All
—
—
—
10
%VO, nom
Output Voltage Set-point Adjustment Range
(See Feature Descriptions.)
All
—
80
—
110
%VO, nom
Output Overvoltage Protection (clamp)
JBW030F
JBW030A
VO, clamp
VO, clamp
4.0
5.6
—
—
5.7
7.0
V
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com