Electronic Components Datasheet Search
  English  ▼

X  

DM9003 Datasheet(PDF) 42 Page - Davicom Semiconductor, Inc.

Part # DM9003
Description  10/100 Mbps 2-port Ethernet Switch Controller with General Processor Interface
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9003 Datasheet(HTML) 42 Page - Davicom Semiconductor, Inc.

Back Button DM9003 Datasheet HTML 38Page - Davicom Semiconductor, Inc. DM9003 Datasheet HTML 39Page - Davicom Semiconductor, Inc. DM9003 Datasheet HTML 40Page - Davicom Semiconductor, Inc. DM9003 Datasheet HTML 41Page - Davicom Semiconductor, Inc. DM9003 Datasheet HTML 42Page - Davicom Semiconductor, Inc. DM9003 Datasheet HTML 43Page - Davicom Semiconductor, Inc. DM9003 Datasheet HTML 44Page - Davicom Semiconductor, Inc. DM9003 Datasheet HTML 45Page - Davicom Semiconductor, Inc. DM9003 Datasheet HTML 46Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 65 page
background image
DM9003
2-port Switch with Processor Interface
42
Preliminary datasheet
DM9003-15-DS-P05
April 9, 2009
1 = Remote fault indicated by link partner
0 = No remote fault indicated by link partner
12-11
Reserved
0, RO
Reserved
Read as 0, ignore on write
10
FCS
0, RO
Flow Control Support
1 = Controller chip supports flow control ability by link partner
0 = Controller chip doesn’t support flow control ability by link
partner
9
T4
0, RO
100BASE-T4 Support
1 = 100BASE-T4 is supported by the link partner
0 = 100BASE-T4 is not supported by the link partner
8
TX_FDX
0, RO
100BASE-TX Full Duplex Support
1 = 100BASE-TX full duplex is supported by the link partner
0 = 100BASE-TX full duplex is not supported by the link partner
7
TX_HDX
0, RO
100BASE-TX Support
1 = 100BASE-TX half duplex is supported by the link partner
0 = 100BASE-TX half duplex is not supported by the link partner
6
10_FDX
0, RO
10BASE-T Full Duplex Support
1 = 10BASE-T full duplex is supported by the link partner
0 = 10BASE-T full duplex is not supported by the link partner
5
10_HDX
0, RO
10BASE-T Support
1 = 10BASE-T half duplex is supported by the link partner
0 = 10BASE-T half duplex is not supported by the link partner
4-0
Selector
<00000>, RO Protocol Selection Bits
Link partner’s binary encoded protocol selector
8.7 Auto-negotiation Expansion Register (ANER) - 06H
Bit
Bit Name
Default
Description
15-5
Reserved
0, RO
Reserved
Read as 0, ignore on write
4
PDF
0, RO/LH
Local Device Parallel Detection Fault
PDF = 1: A fault detected via parallel detection function.
PDF = 0: No fault detected via parallel detection function
3
LP_NP_ABLE
0, RO
Link Partner Next Page Able
LP_NP_ABLE = 1: Link partner, next page available
LP_NP_ABLE = 0: Link partner, no next page
2
NP_ABLE
0,RO/P
Local Device Next Page Able
NP_ABLE = 1: DM9003, next page available
NP_ABLE = 0: DM9003, no next page
DM9003 does not support this function, so this bit is always 0
1
PAGE_RX
0, RO
New Page Received
A new link code word page received. This bit will be automatically
cleared when the register (register 6) is read by management
0
LP_AN_ABLE
0, RO
Link Partner Auto-negotiation Able
A “1” in this bit indicates that the link partner supports
Auto-negotiation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com