Electronic Components Datasheet Search
  English  ▼

X  

DM9003 Datasheet(PDF) 9 Page - Davicom Semiconductor, Inc.

Part # DM9003
Description  10/100 Mbps 2-port Ethernet Switch Controller with General Processor Interface
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9003 Datasheet(HTML) 9 Page - Davicom Semiconductor, Inc.

Back Button DM9003 Datasheet HTML 5Page - Davicom Semiconductor, Inc. DM9003 Datasheet HTML 6Page - Davicom Semiconductor, Inc. DM9003 Datasheet HTML 7Page - Davicom Semiconductor, Inc. DM9003 Datasheet HTML 8Page - Davicom Semiconductor, Inc. DM9003 Datasheet HTML 9Page - Davicom Semiconductor, Inc. DM9003 Datasheet HTML 10Page - Davicom Semiconductor, Inc. DM9003 Datasheet HTML 11Page - Davicom Semiconductor, Inc. DM9003 Datasheet HTML 12Page - Davicom Semiconductor, Inc. DM9003 Datasheet HTML 13Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 65 page
background image
DM9003
2-port Switch with Processor Interface
Preliminary datasheet
9
DM9003-15-DS-P05
April 9, 2009
1. GENERAL DESCRIPTION
The
DM9003
is
a
fully
integrated,
high-
performance, and cost-effective Fast Ethernet switch
controller with one general processor bus interface,
two port 10M/100Mbps PHYs.
The general processor bus connects directly to
internal host MAC with 8-bit or 16-bit data to access
internal memory. The host MAC has the similar functions as
other 10M/100Mbps MAC do. This makes the DM9003 to
act as an extended three port switch and to shorten the
latency from processor port to destination port.
The internal memory of the DM9003 supports up
to 1K uni-cast MAC address table, and serves two
ports’ and processor port’s transmit and receive
buffers. For efficient memory usage algorithm, total
48KB memory is shared with two ports and processor
port by link list data structure.
Each port of the DM9003 provides four priorities
transmit queues, which can be defined as port-based,
802.1p VLAN, or IP packet ToS field, to fit the various
bandwidth and latency requirement of data, voice,
and video applications. Each port also supports
ingress and/or egress rate control to provide proper
bandwidth. And up to 16 groups of 802.1Q VLAN with
Tag/Un-tag functions are supported to provide
efficient packet forwarding.
The TCP/UDP/IPv4 checksum generation and
checking functions are also provided by processor
port to offload the processor’s computing load. In
addition to the packet transmit and receive functions,
the processor port also provides various registers to
control and get status of the DM9003’s operation.
Each port, including the processor port, provides the
MIB counters, loop-back capability and the memory
Build-in Self Test (BIST) for system and board level
diagnostic.
The integrated two ports PHY are compliant with
IEEE 802.3u standards and supports HP Auto-MDIX
capabilities for twisted-pair cable transmit/receive
direction automatic switching.
2. BLOCK DIAGRAM
10/100 M
PHY
10/100 M
MAC
10/100 M
PHY
10/100 M
MAC
Port 0
MDI / MDIX
Port 1
MDI / MDIX
Switch
Controller
Control
Registers
MIB
Counters
EEPROM
Interface
Embedded
Memory
Memory
BIST
Memory
Management
Processor
Interface
Host
MAC
Switch Engine
8 / 16 bit
Processor
Bus
EEPROM
Switch Fabric



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com