Electronic Components Datasheet Search
  English  ▼

X  

DM9003 Datasheet(PDF) 10 Page - Davicom Semiconductor, Inc.

Part # DM9003
Description  10/100 Mbps 2-port Ethernet Switch Controller with General Processor Interface
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9003 Datasheet(HTML) 10 Page - Davicom Semiconductor, Inc.

Back Button DM9003 Datasheet HTML 6Page - Davicom Semiconductor, Inc. DM9003 Datasheet HTML 7Page - Davicom Semiconductor, Inc. DM9003 Datasheet HTML 8Page - Davicom Semiconductor, Inc. DM9003 Datasheet HTML 9Page - Davicom Semiconductor, Inc. DM9003 Datasheet HTML 10Page - Davicom Semiconductor, Inc. DM9003 Datasheet HTML 11Page - Davicom Semiconductor, Inc. DM9003 Datasheet HTML 12Page - Davicom Semiconductor, Inc. DM9003 Datasheet HTML 13Page - Davicom Semiconductor, Inc. DM9003 Datasheet HTML 14Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 65 page
background image
DM9003
2-port Switch with Processor Interface
10
Preliminary datasheet
DM9003-15-DS-P05
April 9, 2009
3. FEATURES
Ethernet Switch with two 10/100Mbps PHYs and general processor bus interface
Processor bus slave architecture
EEPROM interface for power-up configuration
TCP/UDP/IPv4 checksum offload
Support HP Auto-MDIX
IEEE 802.3x Flow Control in Full-duplex mode
Back Pressure Flow Control in Half-duplex mode
Each port supports 4 priority queues by Port-based, 802.1P QoS, and IP TOS priority
Support 802.1Q VLAN up to 16 VLAN groups
Support VLAN ID tag/untag option
Each port supports bandwidth, ingress and egress rate control
Support Broadcast Storming filter function
Support Store and Forward switching approach
Support up to 1K uni-cast MAC addresses
Automatic aging scheme
Support MIB counters for diagnostic
uP data driving capability adjustable
64-pin LQFP 1.8V internal core, 3.3V I/O with 5V tolerant



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com