Electronic Components Datasheet Search
  English  ▼

X  

DM9003 Datasheet(PDF) 24 Page - Davicom Semiconductor, Inc.

Part # DM9003
Description  10/100 Mbps 2-port Ethernet Switch Controller with General Processor Interface
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9003 Datasheet(HTML) 24 Page - Davicom Semiconductor, Inc.

Back Button DM9003 Datasheet HTML 20Page - Davicom Semiconductor, Inc. DM9003 Datasheet HTML 21Page - Davicom Semiconductor, Inc. DM9003 Datasheet HTML 22Page - Davicom Semiconductor, Inc. DM9003 Datasheet HTML 23Page - Davicom Semiconductor, Inc. DM9003 Datasheet HTML 24Page - Davicom Semiconductor, Inc. DM9003 Datasheet HTML 25Page - Davicom Semiconductor, Inc. DM9003 Datasheet HTML 26Page - Davicom Semiconductor, Inc. DM9003 Datasheet HTML 27Page - Davicom Semiconductor, Inc. DM9003 Datasheet HTML 28Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 65 page
background image
DM9003
2-port Switch with Processor Interface
24
Preliminary datasheet
DM9003-15-DS-P05
April 9, 2009
6.31 Per Port Status Data Register (62H)
Bit
Name
Default
Description
7:6
RESERVED
P0,RO
Reserved
5
LP_FCS
P0,RO
Link Partner Flow Control Enable Status
4
BIST
P0,RO
BIST status
1: SRAM BIST fail
0: SRAM BIST pass
3
RESERVED
0,RO
Reserved
2
SPEED2
P0,RO
PHY Speed Status
0: 10Mbps,
1: 100Mbps
1
FDX2
P0,RO
PHY Duplex Status
0: half-duplex,
1: full-duplex
0
LINK2
P0,RO
PHY Link Status
0: link fail,
1: link OK
6.32 Per Port Forward Control Register (65H)
Bit
Name
Default
Description
7
LOOPBACK
PH0,RW
Loop-Back Mode
The received packet will be forward to this port itself.
6
MONI_TX
PH0,RW
TX Packet Monitored
The transmitted packets are also forward to sniffer port.
5
MONI_RX
PH0,RW
RX Packet Monitored
The received packets are also forward to sniffer port.
4
DIS_BMP
PH0,RW
Broad/Multicast Not Monitored
The received broadcast or multicast packets are not forward to sniffer
port.
3
Reserved
PH0,RW
Reserved
2
TX_DIS
PH0,RW
Packet Transmit Disabled
All packets can not be forward to this port.
1
RX_DIS
PH0,RW
Packet receive Disabled
All received packets are discarded.
0
ADR_DIS
PH0,RW
Address Learning Disabled
The Source Address (SA) field of packet is not learned to address table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com