Electronic Components Datasheet Search
  English  ▼

X  

DM9003 Datasheet(PDF) 61 Page - Davicom Semiconductor, Inc.

Part # DM9003
Description  10/100 Mbps 2-port Ethernet Switch Controller with General Processor Interface
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9003 Datasheet(HTML) 61 Page - Davicom Semiconductor, Inc.

Back Button DM9003 Datasheet HTML 57Page - Davicom Semiconductor, Inc. DM9003 Datasheet HTML 58Page - Davicom Semiconductor, Inc. DM9003 Datasheet HTML 59Page - Davicom Semiconductor, Inc. DM9003 Datasheet HTML 60Page - Davicom Semiconductor, Inc. DM9003 Datasheet HTML 61Page - Davicom Semiconductor, Inc. DM9003 Datasheet HTML 62Page - Davicom Semiconductor, Inc. DM9003 Datasheet HTML 63Page - Davicom Semiconductor, Inc. DM9003 Datasheet HTML 64Page - Davicom Semiconductor, Inc. DM9003 Datasheet HTML 65Page - Davicom Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 61 / 65 page
background image
DM9003
2-port Switch with Processor Interface
Preliminary datasheet
61
DM9003-15-DS-P05
April 9, 2009
10.4.3 Processor I/O Write Timing
IOW#
SD0~15
CS#,CMD
T1
T2
T3
T4
T5
T6
∫ ∫
Symbol
Parameter
Min.
Typ.
Max.
Unit
T1
CS#,CMD valid to IOW# valid
5
ns
T2
IOW# Invalid to CS#,CMD Invalid
5
ns
T3
IOW# Width
20
ns
T4
IOW# Invalid to next IOW#/IOR# valid
When write DM9003 INDEX port
1
Clk *1
T4
IOW# Invalid to next IOW#/IOR# valid
When write DM9003 DATA port
2
Clk *1
T3+T4
IOW# Invalid to next IOW#/IOR# valid
When write DM9003 memory
1
Clk *1
T5
System Data(SD) Setup Time
5
ns
T6
System Data(SD) Hold Time
3
ns
*1 : the Unit: clk is under the internal system clock 50MHz.(20ns).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com