Electronic Components Datasheet Search
  English  ▼

X  

DM9003 Datasheet(PDF) 56 Page - Davicom Semiconductor, Inc.

Part # DM9003
Description  10/100 Mbps 2-port Ethernet Switch Controller with General Processor Interface
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9003 Datasheet(HTML) 56 Page - Davicom Semiconductor, Inc.

Back Button DM9003 Datasheet HTML 52Page - Davicom Semiconductor, Inc. DM9003 Datasheet HTML 53Page - Davicom Semiconductor, Inc. DM9003 Datasheet HTML 54Page - Davicom Semiconductor, Inc. DM9003 Datasheet HTML 55Page - Davicom Semiconductor, Inc. DM9003 Datasheet HTML 56Page - Davicom Semiconductor, Inc. DM9003 Datasheet HTML 57Page - Davicom Semiconductor, Inc. DM9003 Datasheet HTML 58Page - Davicom Semiconductor, Inc. DM9003 Datasheet HTML 59Page - Davicom Semiconductor, Inc. DM9003 Datasheet HTML 60Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 65 page
background image
DM9003
2-port Switch with Processor Interface
56
Preliminary datasheet
DM9003-15-DS-P05
April 9, 2009
9.3.2.8 Code Group Alignment
The Code Group Alignment block receives un-aligned
5B data from the descrambler and converts it into 5B
code group data. Code Group Alignment occurs after
the J/K is detected and subsequent data is aligned on
a fixed boundary.
9.3.2.9 4B5B Decoder
The 4B5B Decoder functions as a look-up table that
translates incoming 5B code groups into 4B (Nibble)
data. When receiving a frame, the first 2 5-bit code
groups receive the start-of-frame delimiter (J/K
symbols). The J/K symbol pair is stripped and two
nibbles of preamble pattern are substituted. The last
two code groups are the end-of-frame delimiter (T/R
Symbols).
The T/R symbol pair is also stripped from the nibble,
presented to the Reconciliation layer.
9.3.3 10Base-T Operation
The 10Base-T transceiver is IEEE 802.3u compliant.
When the DM9003 is operating in 10Base-T mode,
the coding scheme is Manchester. Data processed
for transmit is presented in nibble format, converted
to a serial bit stream, then the Manchester encoded.
When receiving, the bit stream, encoded by the
Manchester, is decoded and converted into nibble
format.
9.3.4 Collision Detection
For half-duplex operation, a collision is detected
when the transmit and receive channels are active
simultaneously. Collision detection is disabled in full
duplex operation.
9.3.5 Carrier Sense
Carrier Sense (CRS) is asserted in half-duplex
operation during transmission or reception of data.
During full-duplex mode, CRS is asserted only during
receive operations.
9.3.6 Auto-Negotiation
The objective of Auto-negotiation is to provide a
means to exchange information between linked
devices and to automatically configure both devices
to take maximum advantage of their abilities. It is
important to note that Auto-negotiation does not test
the characteristics of the linked segment. The
Auto-Negotiation function provides a means for a
device to advertise supported modes of operation to
a remote link partner, acknowledge the receipt and
understanding of common modes of operation, and to
reject un-shared modes of operation. This allows
devices on both ends of a segment to establish a link
at the best common mode of operation. If more than
one common mode exists between the two devices, a
mechanism is provided to allow the devices to
resolve to a single mode of operation using a
predetermined priority resolution function.
Auto-negotiation also provides a parallel detection
function for devices that do not support the
Auto-negotiation feature. During Parallel detection
there is no exchange of information of configuration.
Instead, the receive signal is examined. If it is
discovered that the signal matches a technology,
which the receiving device supports, a connection will
be automatically established using that technology.
This allows devices not to support Auto-negotiation
but support a common mode of operation to establish
a link.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com