Electronic Components Datasheet Search
  English  ▼

X  

MAX9701 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX9701
Description  1.3W, Filterless, Stereo Class D Audio Power Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9701 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX9701 Datasheet HTML 9Page - Maxim Integrated Products MAX9701 Datasheet HTML 10Page - Maxim Integrated Products MAX9701 Datasheet HTML 11Page - Maxim Integrated Products MAX9701 Datasheet HTML 12Page - Maxim Integrated Products MAX9701 Datasheet HTML 13Page - Maxim Integrated Products MAX9701 Datasheet HTML 14Page - Maxim Integrated Products MAX9701 Datasheet HTML 15Page - Maxim Integrated Products MAX9701 Datasheet HTML 16Page - Maxim Integrated Products MAX9701 Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
The theoretical best efficiency of a linear amplifier is
78%, however that efficiency is only exhibited at peak
output powers. Under normal operating levels (typical
music reproduction levels), efficiency falls below 30%,
whereas the MAX9701 still exhibits >80% efficiencies
under the same conditions (Figure 5).
Shutdown
The MAX9701 has a shutdown mode that reduces power
consumption and extends battery life. Driving SHDN low
places the MAX9701 in a low-power (0.1µA) shutdown
mode. Connect SHDN to VDD for normal operation.
Click-and-Pop Suppression
The MAX9701 features comprehensive click-and-pop
suppression that eliminates audible transients on startup
and shutdown. While in shutdown, the H-bridge is in a
high-impedance state. During startup, or power-up, the
input amplifiers are muted and an internal loop sets the
modulator bias voltages to the correct levels, preventing
clicks and pops when the H-bridge is subsequently
enabled. For 40ms following startup, a soft-start function
gradually unmutes the input amplifiers.
Applications Information
Filterless Operation
Traditional Class D amplifiers require an output filter to
recover the audio signal from the amplifier’s PWM out-
put. The filters add cost, increase the solution size of
the amplifier, and can decrease efficiency. The tradi-
tional PWM scheme uses large differential output
swings (2 x VDD(P-P)) and causes large ripple currents.
Any parasitic resistance in the filter components results
in a loss of power, lowering the efficiency.
The MAX9701 does not require an output filter. The
device relies on the inherent inductance of the speaker
coil and the natural filtering of both the speaker and the
human ear to recover the audio component of the
square-wave output. Eliminating the output filter results
in a smaller, less costly, more efficient solution.
Because the frequency of the MAX9701 output is well
beyond the bandwidth of most speakers, voice coil
movement due to the square-wave frequency is very
small. Although this movement is small, a speaker not
designed to handle the additional power can be dam-
aged. For optimum results, use a speaker with a series
inductance >10µH. Typical 8
Ω speakers, for portable
audio applications, exhibit series inductances in the
range of 20µH to 100µH.
Output Offset
Unlike a Class AB amplifier, the output offset voltage of a
Class D amplifier does not noticeably increase quiescent
current draw when a load is applied. This is due to the
power conversion of the Class D amplifier. For example,
an 8mV DC offset across an 8
Ω load results in 1mA extra
current consumption in a Class AB device. In the Class D
case, an 8mV offset into 8
Ω equates to an additional
power drain of 8µW. Due to the high efficiency of the
Class D amplifier, this represents an additional quiescent
current draw of: 8µW/(VDD / 100 x
η), which is on the
order of a few µA.
Selectable Gain
The MAX9701 features four selectable gain settings,
minimizing external component count. Gains of 0dB,
3dB, 12dB, and 18dB are set through gain-select
inputs, GAIN1 and GAIN2. GAIN1 and GAIN2 can be
hard-wired or digitally controlled. Table 2 shows the
suggested gain settings to attain a maximum output
power from a given peak input voltage and given load
at VDD = 3.3V and THD+N = 10%.
1.3W, Filterless, Stereo Class D Audio
Power Amplifier
______________________________________________________________________________________
13
0
30
20
10
50
40
90
80
70
60
100
0
0.1
0.2
0.4
0.3
0.5
EFFICIENCY vs. OUTPUT POWER
OUTPUT POWER (W)
MAX9701
CLASS AB
VDD = 3.3V
f = 1kHz
RL - 8
Ω
Figure 5. MAX9701 Efficiency vs. Class AB Efficiency
GAIN1
GAIN2
GAIN
(dB)
INPUT
(VRMS)
RL
(
Ω)
POUT
(mW)
0
0
+18
0.305
4
1100
1
0
+12
0.615
4
1100
01
+6
1.213
4
1100
11
0
2.105
4
1100
0
0
+18
0.345
8
725
1
0
+12
0.686
8
725
01
+6
1.360
8
725
11
0
2.705
8
725
Table 2. Gain Settings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com