Electronic Components Datasheet Search
  English  ▼

X  

MAX9701 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX9701
Description  1.3W, Filterless, Stereo Class D Audio Power Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9701 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX9701 Datasheet HTML 1Page - Maxim Integrated Products MAX9701 Datasheet HTML 2Page - Maxim Integrated Products MAX9701 Datasheet HTML 3Page - Maxim Integrated Products MAX9701 Datasheet HTML 4Page - Maxim Integrated Products MAX9701 Datasheet HTML 5Page - Maxim Integrated Products MAX9701 Datasheet HTML 6Page - Maxim Integrated Products MAX9701 Datasheet HTML 7Page - Maxim Integrated Products MAX9701 Datasheet HTML 8Page - Maxim Integrated Products MAX9701 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
1.3W, Filterless, Stereo Class D Audio
Power Amplifier
_______________________________________________________________________________________
3
Note 1: All devices are 100% production tested at +25°C. All temperature limits are guaranteed by design.
Note 2: Testing performed with a resistive load in series with an inductor to simulate an actual speaker load. For RL = 4Ω, L = 33µH.
For RL = 8Ω, L = 68µH.
Note 3: When driving speakers below 4
Ω with large signals, exercise care to avoid violating the absolute maximum rating for continuous
output current.
Note 4: Testing performed with 8
Ω resistive load in series with 68µH inductive load connected across the BTL output. Mode transi-
tions are controlled by SHDN. KCP level is calculated as: 20 x log[(peak voltage under normal operation at rated power
level) / (peak voltage during mode transition, no input signal)]. Units are expressed in dB.
ELECTRICAL CHARACTERISTICS (continued)
(VDD = PVDD = SHDN = 3.3V, GND = PGND = 0V, SYNC = 0V (FFM), gain = 6dB (GAIN1 = 0, GAIN2 = 1), RL connected between
OUT+ and OUT-, RL = ∞, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Notes 1, 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
SYNC_OUT Capacitance Drive
CSYNC_OUT
100
pF
Bridge-tied capacitance
200
Capacitive Drive
CL
Single ended
400
pF
Into shutdown
66.16
Click-and-Pop Level
KCP
Peak reading, THD+N = 1%
A-weighted, 32 samples
per second (Note 4)
Out of
shutdown
66.26
dB
VDD = 3.3V, POUT = 500mW per channel,
fIN = 1kHz, RL = 8
Ω
87
Efficiency
η
VDD = 5V, POUT = 1000mW per channel,
fIN = 1kHz, RL = 8
Ω
87.4
%
GAIN1 = 0, GAIN2 = 0
10.5
15
19.5
GAIN1 = 1, GAIN2 = 0
25
GAIN1 = 0, GAIN2 = 1
37.4
Input Resistance
RIN
GAIN1 = 1, GAIN2 = 1
50
k
Ω
GAIN1 = 0, GAIN2 = 0
18
GAIN1 = 1, GAIN2 = 0
12
GAIN1 = 0, GAIN2 = 1
6
Gain
AV
GAIN1 = 1, GAIN2 = 1
0
dB
Channel-to-Channel Gain
Tracking
1%
Crosstalk
L to R, R to L, f = 10kHz, RL = 8
Ω,
POUT = 300mW
70
dB
DIGITAL INPUTS (SHDN, SYNC, GAIN1, GAIN2)
Input-Voltage High
VINH
2V
Input-Voltage Low
VINL
0.8
V
Input Leakage Current
(SHDN, GAIN1, GAIN2)
±1µA
VIN = GND, normal operation
-15
-7
Input Leakage Current (SYNC)
VIN = VDD, normal operation
12
25
µA
DIGITAL OUTPUTS (SYNC_OUT)
Output-Voltage High
VOH
IOH = 3mA, VDD = 3.3V
2.4
V
Output-Voltage Low
VOL
IOL = 3mA
0.08
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com