Electronic Components Datasheet Search
  English  ▼

X  

MAX9701 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX9701
Description  1.3W, Filterless, Stereo Class D Audio Power Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9701 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX9701 Datasheet HTML 1Page - Maxim Integrated Products MAX9701 Datasheet HTML 2Page - Maxim Integrated Products MAX9701 Datasheet HTML 3Page - Maxim Integrated Products MAX9701 Datasheet HTML 4Page - Maxim Integrated Products MAX9701 Datasheet HTML 5Page - Maxim Integrated Products MAX9701 Datasheet HTML 6Page - Maxim Integrated Products MAX9701 Datasheet HTML 7Page - Maxim Integrated Products MAX9701 Datasheet HTML 8Page - Maxim Integrated Products MAX9701 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
1.3W, Filterless, Stereo Class D Audio
Power Amplifier
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VDD = PVDD = SHDN = 3.3V, GND = PGND = 0V, SYNC = 0V (FFM), gain = 6dB (GAIN1 = 0, GAIN2 = 1), RL connected between
OUT+ and OUT-, RL = ∞, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Notes 1, 2)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VDD to GND..............................................................................6V
VDD to PVDD ..........................................................-0.3V to +0.3V
PVDD to PGND .........................................................................6V
GND to PGND .......................................................-0.3V to +0.3V
All Other Pins to GND.................................-0.3V to (VDD + 0.3V)
Continuous Current In/Out of PVDD, PGND, OUT_ .........
±800mA
Continuous Input Current (all other pins)..........................
±20mA
Duration of OUT_ Short Circuit to GND or PVDD........Continuous
Duration of Short Circuit Between OUT+ and OUT- ......Continuous
Continuous Power Dissipation (TA = +70°C)
20-Bump UCSP (derate 10mW/°C above +70°C) ...........800mW
24-Pin Thin QFN (derate 20.8mW/°C above +70°C) ..1666.7mW
Junction Temperature ......................................................+150°C
Operating Temperature Range ...........................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Bump Temperature (soldering) Reflow............................+235°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
GENERAL
Supply Voltage Range
VDD
Inferred from PSRR test
2.5
5.5
V
VDD = 3.3V, per channel
4.5
8
Quiescent Current
IDD
VDD = 5V, per channel
6.3
10
mA
Shutdown Current
ISHDN
0.1
10
µA
Common-Mode Rejection Ratio
CMRR
fIN = 1kHz
66
dB
Input Bias Voltage
VBIAS
1.125
1.25
1.375
V
Turn-On Time
tON
40
ms
TA = +25
oC
±10
±30
Output Offset Voltage
VOS
TMIN < TA < TMAX
±55
mV
VDD = 2.5V to 5.5V, VIN = 0V
60
80
fRIPPLE = 217Hz
72
Power-Supply Rejection Ratio
PSRR
100mVP-P ripple,
VIN = 0V
fRIPPLE = 20kHz
50
dB
RL = 8
Ω
460
VDD = 3.3V
RL = 4
Ω
750
RL = 8
Ω
1300
Output Power (Note 3)
POUT
THD+N = 1%,
TA = +25
oC
VDD = 5V
RL = 4
Ω
2200
mW
RL = 8
Ω (POUT = 300mW), f = 1kHz
0.08
Total Harmonic Distortion Plus
Noise (Note 3)
THD+N
RL = 4
Ω (POUT = 400mW), f = 1kHz
0.15
%
FFM
86
BW = 22Hz
to 22kHz
SSM
86
FFM
88.5
Signal-to-Noise Ratio
SNR
VOUT = 1VRMS
A-weighted
SSM
88.5
dB
SYNC = GND
950
1100
1250
SYNC = unconnected
1200
1400
1600
Oscillator Frequency
fOSC
SYNC = VDD
1200
±60
kHz
Minimum On-Time
tMIN
200
ns
SYNC Frequency Lock Range
fSYNC
1000
1600
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com