Electronic Components Datasheet Search
  English  ▼

X  

MAX9701 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX9701
Description  1.3W, Filterless, Stereo Class D Audio Power Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9701 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX9701 Datasheet HTML 1Page - Maxim Integrated Products MAX9701 Datasheet HTML 2Page - Maxim Integrated Products MAX9701 Datasheet HTML 3Page - Maxim Integrated Products MAX9701 Datasheet HTML 4Page - Maxim Integrated Products MAX9701 Datasheet HTML 5Page - Maxim Integrated Products MAX9701 Datasheet HTML 6Page - Maxim Integrated Products MAX9701 Datasheet HTML 7Page - Maxim Integrated Products MAX9701 Datasheet HTML 8Page - Maxim Integrated Products MAX9701 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
1.3W, Filterless, Stereo Class D Audio
Power Amplifier
4
_______________________________________________________________________________________
Typical Operating Characteristics
(VDD = PVDD = SHDN = 3.3V, GND = PGND = 0V, SYNC = VDD (SSM), gain = 6dB (GAIN1 = 0, GAIN2 = 1)).
TOTAL HARMONIC DISTORTION
PLUS NOISE vs. FREQUENCY
FREQUENCY (Hz)
10k
1k
100
0.1
1
10
0.01
10
100k
VDD = 5V
RL = 4
Ω
OUTPUT POWER = 300mW
OUTPUT POWER = 100mW
OUTPUT POWER = 600mW
TOTAL HARMONIC DISTORTION
PLUS NOISE vs. FREQUENCY
FREQUENCY (Hz)
10k
1k
100
0.1
1
10
0.01
10
100k
VDD = 5V
RL = 8
Ω
OUTPUT POWER = 250mW
OUTPUT POWER = 100mW
OUTPUT POWER = 500mW
TOTAL HARMONIC DISTORTION
PLUS NOISE vs. FREQUENCY
FREQUENCY (Hz)
10k
1k
100
0.1
1
10
0.01
10
100k
VDD = 3.3V
RL = 4
Ω
OUTPUT POWER = 300mW
OUTPUT POWER = 100mW
OUTPUT POWER = 600mW
TOTAL HARMONIC DISTORTION
PLUS NOISE vs. FREQUENCY
FREQUENCY (Hz)
10k
1k
100
0.1
1
10
0.01
10
100k
VDD = 3.3V
RL = 8
Ω
OUTPUT POWER = 100mW
OUTPUT POWER = 400mW
OUTPUT POWER = 250mW
TOTAL HARMONIC DISTORTION
PLUS NOISE vs. FREQUENCY
FREQUENCY (Hz)
10k
1k
100
0.1
1
10
0.01
10
100k
VDD = 5V
RL = 8
Ω
POUT = 800mW
FFM
SSM
TOTAL HARMONIC DISTORTION
PLUS NOISE vs. OUTPUT POWER
OUTPUT POWER (W)
2.5
2.0
1.5
1.0
0.5
0.1
1
10
100
0.01
0
3.0
VDD = 5V
RL = 4
Ω
fIN = 10kHz
fIN = 20kHz
fIN = 1kHz
TOTAL HARMONIC DISTORTION
PLUS NOISE vs. OUTPUT POWER
OUTPUT POWER (W)
1.5
1.0
0.5
0.01
0.1
1
10
100
0.001
0
2.0
VDD = 5V
RL = 8
Ω
fIN = 10kHz
fIN = 20kHz
fIN = 1kHz
TOTAL HARMONIC DISTORTION
PLUS NOISE vs. OUTPUT POWER
OUTPUT POWER (W)
1.0
0.8
0.6
0.4
0.2
0.1
1
10
100
0.01
0
1.2
VDD = 3.3V
RL = 4
Ω
fIN = 10kHz
fIN = 20kHz
fIN = 1kHz
TOTAL HARMONIC DISTORTION
PLUS NOISE vs. OUTPUT POWER
OUTPUT POWER (mW)
600
500
400
300
200
100
0.1
1
10
100
0.01
0
700
VDD = 3.3V
RL = 8
Ω
fIN = 10kHz
fIN = 20kHz
fIN = 1kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com