Electronic Components Datasheet Search
  English  ▼

X  

MAX9701 Datasheet(PDF) 18 Page - Maxim Integrated Products

Part # MAX9701
Description  1.3W, Filterless, Stereo Class D Audio Power Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9701 Datasheet(HTML) 18 Page - Maxim Integrated Products

Back Button MAX9701 Datasheet HTML 14Page - Maxim Integrated Products MAX9701 Datasheet HTML 15Page - Maxim Integrated Products MAX9701 Datasheet HTML 16Page - Maxim Integrated Products MAX9701 Datasheet HTML 17Page - Maxim Integrated Products MAX9701 Datasheet HTML 18Page - Maxim Integrated Products MAX9701 Datasheet HTML 19Page - Maxim Integrated Products MAX9701 Datasheet HTML 20Page - Maxim Integrated Products MAX9701 Datasheet HTML 21Page - Maxim Integrated Products MAX9701 Datasheet HTML 22Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
1.3W, Filterless, Stereo Class D Audio
Power Amplifier
18
______________________________________________________________________________________
Chip Information
TRANSISTOR COUNT: 5688
PROCESS: BiCMOS
GND
INL+
SYNC
PGND
GND
VDD
INR+
GAIN1
PGND
SYNC
_OUT
INR-
GAIN2
OUTR+
PVDD
OUTR-
INL-
SHDN
OUTL+
PVDD
OUTL-
A
B
C
D
12345
MAX9701
UCSP
TOP VIEW
(BUMPS ON BOTTOM)
MAX9701
18
17
16
15
14
19
TQFN
TOP VIEW
13
1
2
3
4
5
6
24
23
22
21
20
12
7
8
9
10
11
INL+
VDD
INR+
INR-
INL-
GND
N.C.
SYNC_OUT
N.C.
OUTR-
OUTL-
GND
Pin Configurations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com