Electronic Components Datasheet Search
  English  ▼

X  

MAX9701 Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # MAX9701
Description  1.3W, Filterless, Stereo Class D Audio Power Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9701 Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button MAX9701 Datasheet HTML 10Page - Maxim Integrated Products MAX9701 Datasheet HTML 11Page - Maxim Integrated Products MAX9701 Datasheet HTML 12Page - Maxim Integrated Products MAX9701 Datasheet HTML 13Page - Maxim Integrated Products MAX9701 Datasheet HTML 14Page - Maxim Integrated Products MAX9701 Datasheet HTML 15Page - Maxim Integrated Products MAX9701 Datasheet HTML 16Page - Maxim Integrated Products MAX9701 Datasheet HTML 17Page - Maxim Integrated Products MAX9701 Datasheet HTML 18Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
Input Amplifier
Differential Input
The MAX9701 features a differential input structure,
making it compatible with many CODECs and offers
improved noise immunity over a single-ended input
amplifier. In devices such as cellular phones, high-fre-
quency signals from the RF transmitter can be picked
up by the amplifier’s input traces. The signals appear at
the amplifier’s inputs as common-mode noise. A differ-
ential input amplifier amplifies the difference of the two
inputs, any signal common to both inputs is canceled.
Single-Ended Input
The MAX9701 can be configured as a single-ended
input amplifier by capacitively coupling either input to
GND, and driving the other input (Figure 6).
DC-Coupled Inputs
The input amplifier can accept DC-coupled inputs that
are biased within the amplifier’s common-mode range
(see the
Typical Operating Characteristics). DC cou-
pling eliminates the input-coupling capacitors, reduc-
ing component count to potentially two external
components (Figure 7). However, the highpass filtering
effect of the capacitors is lost, allowing low-frequency
signals to feed through to the load.
Component Selection
Input Filter
An input capacitor, CIN, in conjunction with the
MAX9701 input impedance (RIN) forms a highpass filter
that removes the DC bias from an incoming signal. The
AC-coupling capacitor allows the amplifier to automati-
cally bias the signal to an optimum DC level. Assuming
zero-source impedance, the -3dB point of the highpass
filter is given by:
Choose CIN so f-3dB is well below the lowest frequency of
interest. Use capacitors whose dielectrics have low-volt-
age coefficients, such as tantalum or aluminum electrolyt-
ic. Capacitors with high-voltage coefficients, such as
ceramics, may result in increased distortion at low fre-
quencies.
Other considerations when designing the input filter
include the constraints of the overall system and the
actual frequency band of interest. Although high-fidelity
audio calls for a flat-gain response between 20Hz and
20kHz, portable voice-reproduction devices such as
cellular phones and two-way radios need only concen-
trate on the frequency range of the spoken human voice
(typically 300Hz to 3.5kHz). In addition, speakers used
f
RC
dB
IN IN
−
=
3
1
2
π
1.3W, Filterless, Stereo Class D Audio
Power Amplifier
14
______________________________________________________________________________________
MAX9701
0.1
μF
10
μF
2.5V TO 5.5V
0.47
μF
0.47
μF
0.47
μF
0.47
μF
SINGLE-ENDED
LEFT AUDIO INPUT
SINGLE-ENDED
RIGHT AUDIO INPUT
OUTL+
OUTL-
OUTR+
OUTR-
GAIN1
GND
PGND
SYNC
INL+
INR+
INL-
INR-
GAIN2
SHDN
VDD
PVDD
FFM MODE WITH fOSC = 1100kHz, GAIN = 6dB.
Figure 6. Single-Ended Input
MAX9701
0.1
μF
10
μF
2.5V TO 5.5V
OUTL+
OUTL-
OUTR+
OUTR-
GAIN1
GND
PGND
SYNC
INL+
INR+
INL-
INR-
GAIN2
SHDN
VDD
PVDD
FFM MODE WITH fOSC = 1100kHz, GAIN = 6dB
CODEC BIASED TO 1/2 MAX9701 COMMON-MODE VOLTAGE.
CODEC
Figure 7. DC-Coupled Inputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com