Electronic Components Datasheet Search
  English  ▼

X  

MAX9701 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX9701
Description  1.3W, Filterless, Stereo Class D Audio Power Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9701 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX9701 Datasheet HTML 2Page - Maxim Integrated Products MAX9701 Datasheet HTML 3Page - Maxim Integrated Products MAX9701 Datasheet HTML 4Page - Maxim Integrated Products MAX9701 Datasheet HTML 5Page - Maxim Integrated Products MAX9701 Datasheet HTML 6Page - Maxim Integrated Products MAX9701 Datasheet HTML 7Page - Maxim Integrated Products MAX9701 Datasheet HTML 8Page - Maxim Integrated Products MAX9701 Datasheet HTML 9Page - Maxim Integrated Products MAX9701 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
1.3W, Filterless, Stereo Class D Audio
Power Amplifier
6
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(VDD = PVDD = SHDN = 3.3V, GND = PGND = 0V, SYNC = VDD (SSM), gain = 6dB (GAIN1 = 0, GAIN2 = 1)).
CROSSTALK vs. FREQUENCY
FREQUENCY (Hz)
10k
1k
100
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-130
10
100k
RIGHT TO LEFT
LEFT TO RIGHT
POUT = 300mW
RL = 8
Ω
CROSSTALK vs. INPUT AMPLITUDE
INPUT AMPLITUDE (dB)
-14
-34
-54
-74
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-130
-94
6
RL = 8
Ω
fIN = 1kHz
RIGHT TO LEFT
LEFT TO RIGHT
OUTPUT FREQUENCY SPECTRUM
FREQUENCY (Hz)
15k
10k
5k
-120
-100
-80
-60
-40
-20
0
-140
0
20k
FFM MODE
VOUT = -60dBV
f = 1kHz
RL = 8
Ω
UNWEIGHTED
OUTPUT FREQUENCY SPECTRUM
FREQUENCY (Hz)
15k
10k
5k
-120
-100
-80
-60
-40
-20
0
-140
0
20k
FFM MODE
VOUT = -60dBV
f = 1kHz
RL = 8
Ω
A-WEIGHTED
OUTPUT FREQUENCY SPECTRUM
FREQUENCY (Hz)
15k
10k
5k
-120
-100
-80
-60
-40
-20
0
-140
0
20k
SSM MODE
VOUT = -60dBV
f = 1kHz
RL = 8
Ω
UNWEIGHTED
OUTPUT FREQUENCY SPECTRUM
FREQUENCY (Hz)
15k
10k
5k
-120
-100
-80
-60
-40
-20
0
-140
0
20k
SSM MODE
VOUT = -60dBV
f = 1kHz
RL = 8
Ω
A-WEIGHTED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com