Electronic Components Datasheet Search
  English  ▼

X  

MAX11047 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX11047
Description  4-/6-/8-Channel, 16-Bit, Simultaneous-Sampling ADCs
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11047 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX11047 Datasheet HTML 4Page - Maxim Integrated Products MAX11047 Datasheet HTML 5Page - Maxim Integrated Products MAX11047 Datasheet HTML 6Page - Maxim Integrated Products MAX11047 Datasheet HTML 7Page - Maxim Integrated Products MAX11047 Datasheet HTML 8Page - Maxim Integrated Products MAX11047 Datasheet HTML 9Page - Maxim Integrated Products MAX11047 Datasheet HTML 10Page - Maxim Integrated Products MAX11047 Datasheet HTML 11Page - Maxim Integrated Products MAX11047 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
4-/6-/8-Channel, 16-Bit,
Simultaneous-Sampling ADCs
8
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(AVDD = 5V, DVDD = 3.3V, TA = +25°C, fSAMPLE = 250ksps, internal reference, unless otherwise noted.)
SIGNAL-TO-NOISE AND DISTORTION
RATIO (SINAD) vs. FREQUENCY
FREQUENCY (kHz)
10.0
1.0
89
90
91
92
93
94
88
0.1
100.0
VAVDD = 5.0V
fSAMPLE = 250ksps
TA = +25°C
VRDC = 4.096V
VIN = -0.025dB FROM FS
THD vs. INPUT FREQUENCY
-115
-110
-105
-100
-95
-90
-85
-120
VAVDD = 5.0V
fSAMPLE = 250ksps
TA = +25°C
VRDC = 4.096V
VIN = -0.025dB FROM FS
FREQUENCY (kHz)
10.0
1.0
0.1
100.0
CROSSTALK vs. FREQUENCY
FREQUENCY (kHz)
10.0
1.0
-120
-115
-110
-105
-100
-95
-125
0.1
100.0
VAVDD = 5.0V
fSAMPLE = 250ksps
TA = +25°C
VRDC = 4.096V
VIN = -0.025dB FROM FS
INACTIVE CHANNEL
AT GND
OUTPUT NOISE HISTOGRAM WITH
INPUT CONNECTED TO 2.5V
OUTPUT CODE (DECIMAL)
4000
8000
12,000
16,000
20,000
24,000
0
VCHX = 2.500270V
VAVDD = 5.0V
fSAMPLE = 250ksps
TA = +25°C
CONVERSION TIME
vs. ANALOG SUPPLY VOLTAGE
2.93
2.94
2.95
2.96
2.98
2.97
2.99
3.00
2.92
5.15
5.05
4.95
4.85
4.75
5.25
VAVDD (V)
CONVERSION TIME vs. TEMPERATURE
2.93
2.94
2.95
2.96
2.98
2.97
2.99
3.00
2.92
60
35
10
-15
-40
85
TEMPERATURE (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com