Electronic Components Datasheet Search
  English  ▼

X  

MAX11047 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX11047
Description  4-/6-/8-Channel, 16-Bit, Simultaneous-Sampling ADCs
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11047 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX11047 Datasheet HTML 1Page - Maxim Integrated Products MAX11047 Datasheet HTML 2Page - Maxim Integrated Products MAX11047 Datasheet HTML 3Page - Maxim Integrated Products MAX11047 Datasheet HTML 4Page - Maxim Integrated Products MAX11047 Datasheet HTML 5Page - Maxim Integrated Products MAX11047 Datasheet HTML 6Page - Maxim Integrated Products MAX11047 Datasheet HTML 7Page - Maxim Integrated Products MAX11047 Datasheet HTML 8Page - Maxim Integrated Products MAX11047 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
4-/6-/8-Channel, 16-Bit,
Simultaneous-Sampling ADCs
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(AVDD = 4.75V to 5.25V, DVDD = +2.7V to 5.25V, VAGNDS = VAGND = VDGND = 0V, VREFIO = internal reference, CRDC = 4 x 33μF,
CREFIO = 0.1μF, CAVDD = 4 x 0.1μF || 10μF, CDVDD = 3 x 0.1μF || 10μF; all digital inputs at DVDD or DGND, unless otherwise noted.
TA = -40°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input Capacitance
15
pF
Input-Clamp Protection Current
Each input simultaneously
-20
+20
mA
TRACK AND HOLD
Throughput Rate
Per channel, 8 channels in 4μs
250
ksps
Acquisition Time
tACQ
1μs
-3dB point
4
Full-Power Bandwidth
-0.1dB point
> 0.2
MHz
Aperture Delay
10
ns
Aperture-Delay Matching
100
ps
Aperture Jitter
50
psRMS
INTERNAL REFERENCE
REFIO Voltage
VREF
4.073
4.096
4.119
V
REFIO Temperature Coefficient
±5
ppm/°C
EXTERNAL REFERENCE
Input Current
-10
+10
μA
REF Voltage Input Range
VREF
3.00
4.25
V
REF Input Capacitance
15
pF
DIGITAL INPUTS (DB0–DB15,
RD, WR, CS, CONVST)
Input-Voltage High
VIH
VDVDD = 2.7V to 5.25V
2
V
Input-Voltage Low
VIL
VDVDD = 2.7V to 5.25V
0.8
V
Input Capacitance
CIN
10
pF
Input Current
IIN
VIN = 0 or VDVDD
±10
μA
DIGITAL OUTPUTS (DB0–DB15,
EOC)
Output-Voltage High
VOH
ISOURCE = 1.2mA
VDVDD -
0.4
V
Output-Voltage Low
VOL
ISINK = 1mA
0.4
V
Three-State Leakage Current
DB0–DB15, VRD ≥ VIH or VCS ≥ VIH
10
μA
Three-State Output Capacitance
DB0–DB15, VRD ≥ VIH or VCS ≥ VIH
15
pF
POWER SUPPLIES (MAX11047)
Analog Supply Voltage
AVDD
4.75
5.25
V
Digital Supply Voltage
DVDD
2.70
5.25
V
Analog Supply Current
IAVDD
32
mA
Digital Supply Current
IDVDD
VDVDD = 3.3V (Note 7)
5.7
mA
Shutdown Current
For DVDD
10
μA
Shutdown Current
For AVDD
12
μA
Power-Supply Rejection Ratio
PSRR
VAVDD = 4.9V to 5.1V (Note 8)
±0.5
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com