Electronic Components Datasheet Search
  English  ▼

X  

MAX11047 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX11047
Description  4-/6-/8-Channel, 16-Bit, Simultaneous-Sampling ADCs
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11047 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX11047 Datasheet HTML 2Page - Maxim Integrated Products MAX11047 Datasheet HTML 3Page - Maxim Integrated Products MAX11047 Datasheet HTML 4Page - Maxim Integrated Products MAX11047 Datasheet HTML 5Page - Maxim Integrated Products MAX11047 Datasheet HTML 6Page - Maxim Integrated Products MAX11047 Datasheet HTML 7Page - Maxim Integrated Products MAX11047 Datasheet HTML 8Page - Maxim Integrated Products MAX11047 Datasheet HTML 9Page - Maxim Integrated Products MAX11047 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
4-/6-/8-Channel, 16-Bit,
Simultaneous-Sampling ADCs
6
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(AVDD = 5V, DVDD = 3.3V, TA = +25°C, fSAMPLE = 250ksps, internal reference, unless otherwise noted.)
ANALOG SUPPLY CURRENT
vs. TEMPERATURE
31
27
35
23
60
35
10
-15
-40
85
TEMPERATURE (°C)
VAVDD = 5.0V
fSAMPLE = 250ksps
MAX11049 CONVERTING
MAX11049 STATIC
MAX11048 STATIC
MAX11047 STATIC
MAX11048 CONVERTING
MAX11047 CONVERTING
4.75
4.25
3.75
3.25
2.75
5.25
2
4
6
8
10
12
0
VDVDD (V)
DIGITAL SUPPLY CURRENT
vs. SUPPLY VOLTAGE
TA = +25°C
fSAMPLE = 250ksps
CDBxx = 15pF
MAX11047/MAX11048/
MAX11049 STATIC
MAX11047
CONVERTING
MAX11048
CONVERTING
MAX11049
CONVERTING
1.2
2.4
3.6
4.8
6.0
7.2
0
DIGITAL SUPPLY CURRENT
vs. TEMPERATURE
MAX11047/MAX11048/
MAX11049 STATIC
MAX11047
CONVERTING
MAX11048
CONVERTING
MAX11049
CONVERTING
VDVDD = 3.3V
fSAMPLE = 250ksps
CDBxx = 15pF
60
35
10
-15
-40
85
TEMPERATURE (°C)
ANALOG AND DIGITAL SHUTDOWN
CURRENT vs. TEMPERATURE
1
2
3
4
5
0
60
35
10
-15
-40
85
TEMPERATURE (°C)
VAVDD = 5.0V
VDVDD = 3.3V
IAVDD
IDVDD
ANALOG AND DIGITAL SHUTDOWN
CURRENT vs. SUPPLY VOLTAGE
1
2
3
4
5
0
TA = +25°C
IAVDD
IDVDD
4.75
4.25
3.75
3.25
2.75
5.25
AVDD OR VDVDD (V)
5.15
5.05
4.95
4.85
4.75
5.25
4.09495
4.09500
4.09505
4.09510
4.09515
4.09520
4.09490
VAVDD (V)
INTERNAL REFERENCE VOLTAGES
vs. SUPPLY VOLTAGE
VRDC
VREFIO
TA = +25°C
INTERNAL REFERENCE VOLTAGE
vs. TEMPERATURE
TEMPERATURE (°C)
60
35
-15
10
4.084
4.088
4.092
4.096
4.104
4.100
4.108
4.112
4.080
-40
85
UPPER TYPICAL LIMIT
VAVDD = 5.0V
LOWER TYPICAL LIMIT
OFFSET ERROR AND OFFSET ERROR
MATCHING vs. SUPPLY VOLTAGE
VAVDD (V)
4.95
5.05
5.15
5.25
4.85
-0.006
-0.002
0.002
0.006
0.010
-0.010
4.75
TA = +25°C
OFFSET ERROR MATCHING
OFFSET ERROR
OFFSET ERROR AND OFFSET ERROR
MATCHING vs. TEMPERATURE
TEMPERATURE (°C)
10
35
60
85
-15
-0.006
-0.002
0.002
0.006
0.010
-0.010
-40
VAVDD = 5.0V
VREFIO = 4.096V
OFFSET ERROR MATCHING
OFFSET ERROR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com