Electronic Components Datasheet Search
  English  ▼

X  

MAX11047 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX11047
Description  4-/6-/8-Channel, 16-Bit, Simultaneous-Sampling ADCs
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11047 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX11047 Datasheet HTML 1Page - Maxim Integrated Products MAX11047 Datasheet HTML 2Page - Maxim Integrated Products MAX11047 Datasheet HTML 3Page - Maxim Integrated Products MAX11047 Datasheet HTML 4Page - Maxim Integrated Products MAX11047 Datasheet HTML 5Page - Maxim Integrated Products MAX11047 Datasheet HTML 6Page - Maxim Integrated Products MAX11047 Datasheet HTML 7Page - Maxim Integrated Products MAX11047 Datasheet HTML 8Page - Maxim Integrated Products MAX11047 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
4-/6-/8-Channel, 16-Bit,
Simultaneous-Sampling ADCs
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(AVDD = 4.75V to 5.25V, DVDD = +2.7V to 5.25V, VAGNDS = VAGND = VDGND = 0V, VREFIO = internal reference, CRDC = 4 x 33μF,
CREFIO = 0.1μF, CAVDD = 4 x 0.1μF || 10μF, CDVDD = 3 x 0.1μF || 10μF; all digital inputs at DVDD or DGND, unless otherwise noted.
TA = -40°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
POWER SUPPLIES (MAX11048)
Analog Supply Voltage
AVDD
4.75
5.25
V
Digital Supply Voltage
DVDD
2.70
5.25
V
Analog Supply Current
IAVDD
36
mA
Digital Supply Current
IDVDD
VDVDD = 3.3V (Note 7)
6.5
mA
Shutdown Current
For DVDD
10
μA
Shutdown Current
For AVDD
12
μA
Power-Supply Rejection Ratio
PSRR
VAVDD = 4.9V to 5.1V (Note 8)
±0.5
LSB
POWER SUPPLIES (MAX11049)
Analog Supply Voltage
AVDD
4.75
5.25
V
Digital Supply Voltage
DVDD
2.70
5.25
V
Analog Supply Current
IAVDD
40
mA
Digital Supply Current
IDVDD
VDVDD = 3.3V (Note 7)
7.3
mA
Shutdown Current
For DVDD
10
μA
Shutdown Current
For AVDD
12
μA
Power-Supply Rejection Ratio
PSRR
VAVDD = 4.9V to 5.1V (Note 8)
±0.5
LSB
TIMING CHARACTERISTICS (Note 7)
CONVST Rise to
EOC Fall
tCON
Conversion time (Note 9)
3
μs
Acquisition Time
tACQ
1μs
CS Rise to CONVST Rise
tQ
Sample quiet time (Note 9)
500
ns
CONVST Rise to
EOC Rise
t0
65
140
ns
EOC Fall to CONVST Fall
t1
CONVST mode B0 = 0 only (Note 10)
0
ns
CONVST Low Time
t2
CONVST mode B0 = 1 only
20
ns
CS Fall to WR Fall
t3
0ns
WR Low Time
t4
20
ns
CS Rise to WR Rise
t5
0ns
Input Data Setup Time
t6
10
ns
Input Data Hold Time
t7
0ns
CS Fall to RD Fall
t8
0ns
RD Low Time
t9
30
ns
RD Rise to CS Rise
t10
0ns
RD High Time
t11
10
ns
RD Fall to Data Valid
t12
35
ns
RD Rise to Data Hold Time
t13
(Note 10)
5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com