Electronic Components Datasheet Search
  English  ▼

X  

MAX11047 Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX11047
Description  4-/6-/8-Channel, 16-Bit, Simultaneous-Sampling ADCs
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11047 Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX11047 Datasheet HTML 8Page - Maxim Integrated Products MAX11047 Datasheet HTML 9Page - Maxim Integrated Products MAX11047 Datasheet HTML 10Page - Maxim Integrated Products MAX11047 Datasheet HTML 11Page - Maxim Integrated Products MAX11047 Datasheet HTML 12Page - Maxim Integrated Products MAX11047 Datasheet HTML 13Page - Maxim Integrated Products MAX11047 Datasheet HTML 14Page - Maxim Integrated Products MAX11047 Datasheet HTML 15Page - Maxim Integrated Products MAX11047 Datasheet HTML 16Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
4-/6-/8-Channel, 16-Bit,
Simultaneous-Sampling ADCs
12
______________________________________________________________________________________
DB3 (Int/Ext Reference)
DB3 selects the internal or external reference. The POR
default = 0.
0 = internal reference, REFIO internally driven through a
10k
Ω resistor, bypass with 0.1μF capacitor to AGND.
1 = external reference, drive REFIO with a high quality
reference.
DB2 (Output Data Format)
DB2 selects the output data format. The POR default = 0.
0 = offset binary.
1 = two’s complement.
DB1 (Reserved)
Set to 0 for normal operation.
0 = normal operation.
1 = reserved; do not use.
DB0 (CONVST Mode)
DB0 selects the acquisition mode. The POR default = 0.
0 = CONVST controls the acquisition and conversion.
Drive CONVST low to start acquisition. The rising edge
of CONVST begins the conversion.
1 = acquisition mode starts as soon as previous con-
version is complete. The rising edge of CONVST begins
the conversion.
Programming the Configuration Register
To program the configuration register, bring the
CS and
WR low and apply the required configuration data on
DB3–DB0 of the bus and then raise
WR once to save
changes.
Starting a Conversion
CONVST initiates conversions. The MAX11047/
MAX11048/MAX11049 provide two acquisition modes
set through the configuration register. Allow a quiet time
(tQ) of 500ns prior to the start of conversion to avoid
any noise interference during readout or write opera-
tions from corrupting a sample.
In default mode (DB0 = 0), drive CONVST low to place
the MAX11047/MAX11048/MAX11049 into acquisition
mode. All the input switches are closed and the internal
T/H circuits track the respective input voltage. Keep the
CONVST signal low for at least 1μs (tACQ) to enable
proper settling of the sampled voltages. On the rising
edge of CONVST, the switches are opened and the
MAX11047/MAX11048/MAX11049 begin the conversion
on all the samples in parallel.
EOC remains high until
the conversion is completed.
In the second mode (DB0 = 1), the MAX11047/
MAX11048/MAX11049 enter acquisition mode as soon
as the previous conversion is completed. CONVST rising
edge initiates the next sample and conversion sequence.
Drive CONVST low for at least 20ns to be valid.
Provide adequate time for acquisition and the requisite
quiet time in both modes to achieve accurate sampling
and maximum performance of the MAX11047/
MAX11048/MAX11049.
Reading Conversion Results
The
CS and RD are active-low, digital inputs that con-
trol the readout through the 16-bit, parallel, 20MHz data
bus (D0–D15). After
EOC transitions low, read the con-
version data by driving
CS and RD low. Each low peri-
od of
RD presents the next channel’s result. When CS
and
RD are high, the data bus is high impedance. CS
may be driven high between individual channel read-
outs or left low during the entire 8-channel readout.
Reference
Internal Reference
The MAX11047/MAX11048/MAX11049 feature a preci-
sion, low-drift, internal bandgap reference. Bypass REFIO
with a 0.1μF capacitor to AGND to reduce noise. The
REFIO output voltage may be used as a reference for
other circuits. The output impedance of REFIO is 10k
Ω.
Drive only high-impedance circuits or buffer externally
when using REFIO to drive external circuitry.
External Reference
Set the configuration register to disable the internal ref-
erence and drive REFIO with a high-quality external ref-
erence. To avoid signal degradation, ensure that the
integrated reference noise applied to REFIO is less
than 10μV in the bandwidth of up to 50kHz.
Reference Buffer
The MAX11047/MAX11048/MAX11049 have a built- in
reference buffer to provide a low-impedance reference
source to the SAR converters. This buffer is used in
both internal and external reference modes. The inter-
nal reference buffer output feeds five RDC outputs.
Connect all RDC outputs together. The reference buffer
is externally compensated and requires at least 10μF
on the RDC node for stability. For best performance,
provide a total of at least 80μF on the RDC outputs.
DB3
DB2
DB1
DB0
Int/Ext
Reference
Output
Data Format
Reserved
CONVST
Mode
Table 1. Configuration Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com