Electronic Components Datasheet Search
  English  ▼

X  

LT3032IDE Datasheet(PDF) 10 Page - Linear Technology

Part # LT3032IDE
Description  Dual 150mA Positive/Negative Low Noise Low Dropout Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3032IDE Datasheet(HTML) 10 Page - Linear Technology

Back Button LT3032IDE Datasheet HTML 6Page - Linear Technology LT3032IDE Datasheet HTML 7Page - Linear Technology LT3032IDE Datasheet HTML 8Page - Linear Technology LT3032IDE Datasheet HTML 9Page - Linear Technology LT3032IDE Datasheet HTML 10Page - Linear Technology LT3032IDE Datasheet HTML 11Page - Linear Technology LT3032IDE Datasheet HTML 12Page - Linear Technology LT3032IDE Datasheet HTML 13Page - Linear Technology LT3032IDE Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
LT3032
10
3032f
TYPICAL PERFORMANCE CHARACTERISTICS
OUTN, 10Hz to 100kHz
Output Noise, CBYPN = 0
OUTN, 10Hz to 100kHz Output
Noise, CBYPN = 0.01μF
OUTP Transient Response
CBYPP = 0
OUTP Transient Response
CBYPP = 0.01μF
1ms/DIV
COUTN = 10μF
ILOAD = –150mA
VOUTN = –5V
VOUTN
200μV/DIV
3032 G46
VOUTN
100μV/DIV
1ms/DIV
COUTN = 10μF
ILOAD = –150mA
VOUTN = –5V
3032 G47
TIME (μs)
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
150
100
50
0
3032 G48
0
400
800
1200
1600
2000
VOUTP = 5V
VINP = 6V
CINP = 10μF
COUTP = 10μF
TIME (μs)
0.04
0.02
0
–0.02
–0.04
150
100
50
0
3032 G49
040
80
120
160
200
VOUTP = 5V
VINP = 6V
CINP = 10μF
COUTP = 10μF
OUTN Transient Response
CBYPN = 0
OUTN Transient Response
CBYPN = 0.01μF
TIME (μs)
0.2
0.1
0
–0.2
–0.1
0
–50
–150
–100
3032 G50
0 100 200 300 400 500 600 700 800 900 1k
VOUTN = –5V
VINN = –6V
CINN = 10μF
COUTN = 10μF
TIME (μs)
0.04
0.06
0.02
0
–0.02
–0.04
–0.06
–50
0
–100
–150
3032 G51
0
50 100 150 200 250 300 350 400 450 500
VOUTN = –5V
VINN = –6V
CINN = 10μF
COUTN = 10μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com