Electronic Components Datasheet Search
  English  ▼

X  

LT3032IDE Datasheet(PDF) 17 Page - Linear Technology

Part # LT3032IDE
Description  Dual 150mA Positive/Negative Low Noise Low Dropout Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3032IDE Datasheet(HTML) 17 Page - Linear Technology

Back Button LT3032IDE Datasheet HTML 12Page - Linear Technology LT3032IDE Datasheet HTML 13Page - Linear Technology LT3032IDE Datasheet HTML 14Page - Linear Technology LT3032IDE Datasheet HTML 15Page - Linear Technology LT3032IDE Datasheet HTML 16Page - Linear Technology LT3032IDE Datasheet HTML 17Page - Linear Technology LT3032IDE Datasheet HTML 18Page - Linear Technology LT3032IDE Datasheet HTML 19Page - Linear Technology LT3032IDE Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
LT3032
17
3032f
APPLICATIONS INFORMATION
Calculating Junction Temperature
Example: Given a positive output voltage of 3.3V, a positive
input voltage of 4V to 6V, output current range from 10mA
to 150mA, negative output voltage of –3.3V, negative input
voltage of –5V to –6V, a negative output current of –100mA,
and a maximum ambient temperature of 50°C, what will
the maximum junction temperature be for a 2500mm2
board with topside copper of 1000mm2?
The power in each side equals:
PSIDE = (VIN(MAX) – VOUT)(IOUT(MAX))+(VIN(MAX)•IGND)
where,
IOUTP(MAX) = 150mA
VINP(MAX) = 6V
IGND at (IOUTP = 150mA, VINP = 6V) = 3.7mA
IOUTN(MAX) = –100mA
VINN(MAX) = –6V
IGND at (IOUTN = –100mA, VINN = –6V) = –1.5mA
The total power equals:
PTOTAL = PPOSITIVE + PNEGATIVE
So,
PPOSITIVE = 150mA(6V – 3.3V) + 3.7mA(6V) = 0.43W
PNEGATIVE = –100mA(–6V+3.3V)–1.5mA(–6V) =
0.28W
PTOTAL = 0.43W + 0.28W = 0.71W
Junction Temperature equals:
TJ = TA + PTOTAL • θJA (using tables)
TJ = 50°C + 0.71W • 33°C/W = 73.4°C
In this case, the junction temperature is below the maximum
rating, ensuring reliable operation.
Protection Features
The LT3032 incorporates several protection features
that make it ideal for use in battery-powered circuits. In
addition to the normal protection features associated with
monolithic regulators, such as current limiting and thermal
limiting, the LT3032 is protected against reverse input
voltages and reverse output voltages on both channels.
Current limit protection and thermal overload protection
protect the device against current overload conditions at
the outputs of the part. For normal operation, the junction
temperature should not be allowed to exceed 125°C.
The positive input of the LT3032 withstands 20V reverse
voltage. The negative input also withstands reverse
voltage, but the negative input may not be more than 0.5V
(one VBE) higher than the OUTN and SHDNN pins. This
provides protection against batteries that are plugged in
backwards.
The outputs of the LT3032 can be pulled to opposing
voltages without damaging the part. The outputs may be
pulled to the opposing polarity with a load that is common
mode between the two and one regulator starts before the
other; in this condition, it does not matter which regulator
started first. Both sides are capable of having the output
pulled to the opposing polarity and both will still start
and operate.
If an input is left open circuit or grounded, the corre-
sponding output can be pulled to its opposing polarity by
as much as 20V. The output will act like an open circuit;
no current will flow into or out of the pin. If the input is
powered by a voltage source, the output will source the
short-circuit current and will protect itself by thermal
limiting. In this case, grounding the respective SHDNP/
SHDNN pin will turn off that side of the LT3032 and stop
the output from sourcing current.
The ADJP pin can be pulled above or below ground by
±7V without damage to the device. If the input is left open
circuit or grounded, the ADJP pin acts like an open circuit
when pulled below ground and like a large resistor (typically
100k) in series with a diode when pulled above ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com