Electronic Components Datasheet Search
  English  ▼

X  

LT3032IDE Datasheet(PDF) 12 Page - Linear Technology

Part # LT3032IDE
Description  Dual 150mA Positive/Negative Low Noise Low Dropout Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3032IDE Datasheet(HTML) 12 Page - Linear Technology

Back Button LT3032IDE Datasheet HTML 8Page - Linear Technology LT3032IDE Datasheet HTML 9Page - Linear Technology LT3032IDE Datasheet HTML 10Page - Linear Technology LT3032IDE Datasheet HTML 11Page - Linear Technology LT3032IDE Datasheet HTML 12Page - Linear Technology LT3032IDE Datasheet HTML 13Page - Linear Technology LT3032IDE Datasheet HTML 14Page - Linear Technology LT3032IDE Datasheet HTML 15Page - Linear Technology LT3032IDE Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
LT3032
12
3032f
over the 10Hz to 100kHz bandwidth. If not used, this pin
must be left unconnected.
SHDNP (Pin 12): Positive Shutdown. The SHDNP pin puts
the positive side into a low power shutdown state. The
positive output will be off when the SHDNP pin is pulled
below 0.8V(typical). The SHDNP pin can be driven by 5V
logic or open-collector logic with a pull-up resistor. The
pull-up resistor is required to supply the pull-up current of
the open-collector device, normally several microamperes,
and the SHDNP pin current, typically 1μA into the pin. If
unused, the SHDNP pin must be connected to INP. The
positive output will be shut down if the SHDNP pin is open
circuit. The SHDNP pin can be tied directly to the SHDNN
pin and both pins driven directly by positive logic for a
single point control of both outputs.
PIN FUNCTIONS
NC (Pin 13): No Connect. The No Connect pin has no
connection to internal circuitry and may be tied to INP,
GND, INN, SHDNP, SHDNN, OUTP, OUTN, floated, or tied
to any other point.
INP(Pin 14): Positive Input. Power is supplied to the
positive side of the LT3032 through the INP pin. A bypass
capacitor is required on this pin if it is more than six inches
away from the main input filter capacitor. In general, the
output impedance of a battery rises with frequency, so
it is advisable to include a bypass capacitor in battery-
powered circuits. A bypass capacitor in the range of 1μF
to 10μF is sufficient.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com