Electronic Components Datasheet Search
  English  ▼

X  

LT3032IDE Datasheet(PDF) 14 Page - Linear Technology

Part # LT3032IDE
Description  Dual 150mA Positive/Negative Low Noise Low Dropout Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3032IDE Datasheet(HTML) 14 Page - Linear Technology

Back Button LT3032IDE Datasheet HTML 10Page - Linear Technology LT3032IDE Datasheet HTML 11Page - Linear Technology LT3032IDE Datasheet HTML 12Page - Linear Technology LT3032IDE Datasheet HTML 13Page - Linear Technology LT3032IDE Datasheet HTML 14Page - Linear Technology LT3032IDE Datasheet HTML 15Page - Linear Technology LT3032IDE Datasheet HTML 16Page - Linear Technology LT3032IDE Datasheet HTML 17Page - Linear Technology LT3032IDE Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
LT3032
14
3032f
APPLICATIONS INFORMATION
at 25°C during normal operation where the BYPN pin
operates at approximately –60mV. DC leakages on the
order of 1μA into or out of these pins can throw off the
internal reference by 20% or more.
Output Capacitance and Transient Response
The LT3032 requires output capacitors for stability. It
is designed to be stable with most low ESR capacitors
(typically ceramic, tantalum or low ESR electrolytic). A
minimum output capacitor of 2.2μF with an ESR of 3Ω
or less is recommended to prevent oscillations on each
output. The LT3032 is a micropower device and output
transient response is a function of output capacitance.
Larger values of output capacitance decrease peak
deviations and provide improved transient response for
larger load current changes. Additional capacitors, used to
decouple individual components powered by the LT3032,
increase the effective output capacitor value. When using
bypass capacitors (for low noise operation), larger values
of output capacitors are needed. For 100pF of bypass
capacitance, 3.3μF of output capacitance is recommended.
With a 330pF bypass capacitor or larger, a 4.7μF output
capacitor is recommended. The shaded region of Figure 2
defines the range over which the LT3032 is stable. The
minimum ESR needed is defined by the amount of bypass
capacitance used, while the maximum ESR is 3Ω. These
requirements are applicable to both the positive and
negative linear regulator.
Give extra consideration to the use of ceramic capacitors.
Ceramic capacitors are manufactured with a variety of
dielectrics, each with different behavior across temperature
and applied voltage. The most common dielectrics used
are specified with EIA temperature characteristic codes of
Z5U, Y5V, X5R and X7R. The Z5U and Y5V dielectrics are
good for providing high capacitances in a small package,
but they tend to have strong voltage and temperature
coefficients as shown in Figures 3 and 4. When used with
a 5V regulator, a 16V 10μF Y5V capacitor can exhibit an
effective value as low as 1μF to 2μF for the DC bias voltage
applied and over the operating temperature range. The X5R
and X7R dielectrics result in more stable characteristics
and are more suitable for use as the output capacitor.
The X7R type has better stability across temperature,
while the X5R is less expensive and is available in higher
values. Care still must be exercised when using X5R and
X7R capacitors. The X5R and X7R codes only specify
operating temperature range and maximum capacitance
change over temperature. Capacitance change due to DC
bias with X5R and X7R capacitors is better than Y5V and
Z5U capacitors, but can still be significant enough to drop
capacitor values below appropriate levels. Capacitor DC bias
characteristics tend to improve as component case size
increases, but expected capacitance at operating voltage
should be verified in situ for a given application.
Voltage and temperature coefficients are not the only
sources of problems. Some ceramic capacitors have a
piezoelectric response. A piezoelectric device generates
voltage across its terminals due to mechanical stress. In a
ceramic capacitor, the stress can be induced by vibrations
in the system or thermal transients. Tapping on the
ceramic bypass capacitor with a pencil generated the noise
shown in Figure 5. Similar vibration induced behavior can
masquerade as increased output voltage noise.
OUTPUT CAPACITANCE (μF)
1
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
310
1762 F02
24
5
6 78 9
STABLE REGION
CBYP = 330pF
CBYP ≥ 3300pF
CBYP = 100pF
CBYP = 0
Figure 2. Stability



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com