Electronic Components Datasheet Search
  English  ▼

X  

LT3032IDE Datasheet(PDF) 15 Page - Linear Technology

Part # LT3032IDE
Description  Dual 150mA Positive/Negative Low Noise Low Dropout Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3032IDE Datasheet(HTML) 15 Page - Linear Technology

Back Button LT3032IDE Datasheet HTML 11Page - Linear Technology LT3032IDE Datasheet HTML 12Page - Linear Technology LT3032IDE Datasheet HTML 13Page - Linear Technology LT3032IDE Datasheet HTML 14Page - Linear Technology LT3032IDE Datasheet HTML 15Page - Linear Technology LT3032IDE Datasheet HTML 16Page - Linear Technology LT3032IDE Datasheet HTML 17Page - Linear Technology LT3032IDE Datasheet HTML 18Page - Linear Technology LT3032IDE Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
LT3032
15
3032f
Stability and Input Capacitance
Low ESR, ceramic input bypass capacitors are acceptable
for applications without long input leads. However,
applications connecting a power supply to an LT3032’s
circuit’s INP/INN and GND pins with long input wires
combined with low ESR, ceramic input capacitors are
prone to voltage spikes, reliability concerns and application-
specific board oscillations. The input wire inductance
found in many battery-powered applications, combined
with the low ESR ceramic input capacitor, forms a high-Q
LC resonant tank circuit. In some instances this resonant
frequency beats against the output current dependent
LDO bandwidth and interferes with proper operation.
Simple circuit modifications/solutions are then required.
This behavior is not indicative of LT3032 instability, but
is a common ceramic input bypass capacitor application
issue.
The self-inductance, or isolated inductance, of a wire is
directly proportional to its length. Wire diameter is not a
major factor on its self-inductance. For example, the self-
inductance of a 2-AWG isolated wire (diameter = 0.26”) is
about half the self-inductance of a 30-AWG wire (diameter
= 0.01”). One foot of 30-AWG wire has about 465nH of
self-inductance.
One of two ways reduces a wire’s self-inductance. One
method divides the current flowing towards the LT3032
between two parallel conductors. In this case, the farther
apart the wires are from each other, the more the self-
inductance is reduced; up to a 50% reduction when placed
a few inches apart. Splitting the wires basically connects
two equal inductors in parallel, but placing them in close
proximity gives the wires mutual inductance adding to
the self-inductance. The second and most effective way
to reduce overall inductance is to place both forward and
return current conductors (the input and GND wires) in
very close proximity. Two 30-AWG wires separated by only
0.02”, used as forward– and return– current conductors,
reduce the overall self-inductance to approximately one-
fifth that of a single isolated wire.
APPLICATIONS INFORMATION
DC BIAS VOLTAGE (V)
3032 F03
20
0
–20
–40
–60
–80
–100
0
4
8
10
26
12
14
X5R
Y5V
16
BOTH CAPACITORS ARE 16V,
1210 CASE SIZE, 10μF
Figure 3. Ceramic Capacitor DC Bias Characteristics
TEMPERATURE (°C)
–50
40
20
0
–20
–40
–60
–80
–100
25
75
3032 F04
–25
0
50
100
125
Y5V
X5R
BOTH CAPACITORS ARE 16V,
1210 CASE SIZE, 10μF
Figure 4. Ceramic Capacitor Temperature Characteristics
OUTPUT SET TO 5V
3032 F05
Figure 5. Noise Resulting From Tapping on a Ceramic Capacitor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com