Electronic Components Datasheet Search
  English  ▼

X  

LT3032IDE Datasheet(PDF) 16 Page - Linear Technology

Part # LT3032IDE
Description  Dual 150mA Positive/Negative Low Noise Low Dropout Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3032IDE Datasheet(HTML) 16 Page - Linear Technology

Back Button LT3032IDE Datasheet HTML 12Page - Linear Technology LT3032IDE Datasheet HTML 13Page - Linear Technology LT3032IDE Datasheet HTML 14Page - Linear Technology LT3032IDE Datasheet HTML 15Page - Linear Technology LT3032IDE Datasheet HTML 16Page - Linear Technology LT3032IDE Datasheet HTML 17Page - Linear Technology LT3032IDE Datasheet HTML 18Page - Linear Technology LT3032IDE Datasheet HTML 19Page - Linear Technology LT3032IDE Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
LT3032
16
3032f
APPLICATIONS INFORMATION
If wiring modifications are not permissible for the
applications, including series resistance between the
power supply and the input of the LT3032 also stabilizes
the application. As little as 0.1Ω to 0.5Ω, often less,
is effective in damping the LC resonance. If the added
impedance between the power supply and the input is
unacceptable, adding ESR to the input capacitor also
provides the necessary damping of the LC resonance.
However, the required ESR is generally higher than the
series impedance required.
Thermal Considerations
The power handling capability of the device is limited by
the maximum rated junction temperature (125°C). The
power dissipated by the device is made up of the following
components:
1. Output current of each side multiplied by the respective
input/output voltage differential: (IOUT)(VIN to VOUT),
and
2. GND pin current for each side multiplied by its input
voltage: (IGND)(VIN)
The GND pin current of each side is found by examining
the GND Pin Current curves in the Typical Performance
Characteristics. Total power dissipation equals the sum
for both channels of the components listed above.
The LT3032 has internal thermal limiting designed to protect
each side of the regulator during overload conditions. For
continuous normal conditions, the maximum junction
temperature rating of 125°C must not be exceeded. It is
important to give careful consideration to all sources of
thermal resistance from junction to ambient. Additional
heat sources mounted nearby must also be considered.
The LT3032 is a surface mount device and heat sinking is
accomplished by using the heat spreading capabilities of
the PC board and its copper traces. Copper board stiffeners
and plated through-holes can also be used to spread the
heat generated by power devices.
Note that the Exposed Pads (Pins 15 and 16) are elect-
rically connected to ground (GND) and the negative input
(INN) respectively.
The following table lists thermal resistance as a function
of copper area on a fixed board size. All measurements
were taken in still air on a 4-layer FR-4 board with 1oz
solid internal planes and 2oz external trace planes with a
total finished board thickness of 1.6mm.
Table 3. DE Package, 14-Lead DFN
COPPER AREA
BOARD AREA
THERMAL RESISTANCE
(JUNCTION-TO-AMBIENT)
TOPSIDE*
BACKSIDE
2500mm2
2500mm2
2500mm2
32°C/W
1000mm2
2500mm2
2500mm2
33°C/W
225mm2
2500mm2
2500mm2
38°C/W
100mm2
2500mm2
2500mm2
43°C/W
*Device is mounted on topside
For further information on thermal resistance and using
thermal information, refer to JEDEC standard JESD51,
notably JESD51-12.
PCB layers, copper weight, board layout and thermal
vias affect the resultant thermal resistance. This table
provides thermal resistance numbers for best-case 4-layer
boards with 1oz internal and 2oz external copper. Modern,
multilayer PCBs may not be able to achieve quite the same
level performance as found in this table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com