Electronic Components Datasheet Search
  English  ▼

X  

MPC8323EEC Datasheet(PDF) 38 Page - Freescale Semiconductor, Inc

Part # MPC8323EEC
Description  PowerQUICC??II Pro Integrated Communications Processor Family Hardware Specifications
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8323EEC Datasheet(HTML) 38 Page - Freescale Semiconductor, Inc

Back Button MPC8323EEC Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC8323EEC Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC8323EEC Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC8323EEC Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC8323EEC Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC8323EEC Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC8323EEC Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC8323EEC Datasheet HTML 41Page - Freescale Semiconductor, Inc MPC8323EEC Datasheet HTML 42Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 82 page
background image
MPC8323E PowerQUICC™ II Pro Integrated Communications Processor Family Hardware Specifications, Rev. 3
38
Freescale Semiconductor
GPIO
Figure 28 provides the AC test load for the timers.
Figure 28. Timers AC Test Load
14 GPIO
This section describes the DC and AC electrical specifications for the GPIO of the MPC8323E.
14.1
GPIO DC Electrical Characteristics
Table 11 provides the DC electrical characteristics for the MPC8323E GPIO.
14.2
GPIO AC Timing Specifications
Table 41 provides the GPIO input and output AC timing specifications.
Table 40. GPIO DC Electrical Characteristics
Characteristic
Symbol
Condition
Min
Max
Unit
Notes
Output high voltage
VOH
IOH = –6.0 mA
2.4
—
V
1
Output low voltage
VOL
IOL = 6.0 mA
—
0.5
V
1
Output low voltage
VOL
IOL = 3.2 mA
—
0.4
V
1
Input high voltage
VIH
—2.0
OVDD +0.3
V
1
Input low voltage
VIL
—
–0.3
0.8
V
—
Input current
IIN
0 V
≤ VIN ≤ OVDD
—
±5
μA—
Note:
1. This specification applies when operating from 3.3-V supply.
Table 41. GPIO Input AC Timing Specifications1
Characteristic
Symbol2
Min
Unit
GPIO inputs—minimum pulse width
tPIWID
20
ns
Notes:
1. Input specifications are measured from the 50% level of the signal to the 50% level of the rising edge of CLKIN. Timings are
measured at the pin.
2. GPIO inputs and outputs are asynchronous to any visible clock. GPIO outputs should be synchronized before use by any
external synchronous logic. GPIO inputs are required to be valid for at least tPIWID ns to ensure proper operation.
Output
Z0 = 50 Ω
OVDD/2
RL = 50 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com