Electronic Components Datasheet Search
  English  ▼

X  

MPC8323EEC Datasheet(PDF) 78 Page - Freescale Semiconductor, Inc

Part # MPC8323EEC
Description  PowerQUICC??II Pro Integrated Communications Processor Family Hardware Specifications
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8323EEC Datasheet(HTML) 78 Page - Freescale Semiconductor, Inc

Back Button MPC8323EEC Datasheet HTML 74Page - Freescale Semiconductor, Inc MPC8323EEC Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC8323EEC Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC8323EEC Datasheet HTML 77Page - Freescale Semiconductor, Inc MPC8323EEC Datasheet HTML 78Page - Freescale Semiconductor, Inc MPC8323EEC Datasheet HTML 79Page - Freescale Semiconductor, Inc MPC8323EEC Datasheet HTML 80Page - Freescale Semiconductor, Inc MPC8323EEC Datasheet HTML 81Page - Freescale Semiconductor, Inc MPC8323EEC Datasheet HTML 82Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 78 / 82 page
background image
MPC8323E PowerQUICC™ II Pro Integrated Communications Processor Family Hardware Specifications, Rev. 3
78
Freescale Semiconductor
System Design Information
output impedance is the average of two components, the resistances of the pull-up and pull-down devices.
When data is held high, SW1 is closed (SW2 is open) and RP is trimmed until the voltage at the pad equals
OVDD/2. RP then becomes the resistance of the pull-up devices. RP and RN are designed to be close to each
other in value. Then, Z0 = (RP + RN)/2.
Figure 45. Driver Impedance Measurement
The value of this resistance and the strength of the driver’s current source can be found by making two
measurements. First, the output voltage is measured while driving logic 1 without an external differential
termination resistor. The measured voltage is V1 = Rsource × Isource. Second, the output voltage is measured
while driving logic 1 with an external precision differential termination resistor of value Rterm. The
measured voltage is V2 =(1/(1/R1 +1/R2)) × Isource. Solving for the output impedance gives Rsource =
Rterm × (V1/V2 – 1). The drive current is then Isource =V1/Rsource.
Table 65 summarizes the signal impedance targets. The driver impedance are targeted at minimum VDD,
nominal OVDD, 105°C.
24.6
Configuration Pin Multiplexing
The MPC8323E provides the user with power-on configuration options which can be set through the use
of external pull-up or pull-down resistors of 4.7 k
Ω on certain output pins (see customer visible
configuration pins). These pins are generally used as output only pins in normal operation.
Table 65. Impedance Characteristics
Impedance
Local Bus, Ethernet, DUART, Control,
Configuration, Power Management
PCI
DDR DRAM
Symbol
Unit
RN
42 Target
25 Target
20 Target
Z0
W
RP
42 Target
25 Target
20 Target
Z0
W
Differential
NA
NA
NA
ZDIFF
W
Note: Nominal supply voltages. See Table 1, Tj = 105°C.
OVDD
OGND
RP
RN
Pad
Data
SW1
SW2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com