Electronic Components Datasheet Search
  English  ▼

X  

MPC8323EEC Datasheet(PDF) 65 Page - Freescale Semiconductor, Inc

Part # MPC8323EEC
Description  PowerQUICC??II Pro Integrated Communications Processor Family Hardware Specifications
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8323EEC Datasheet(HTML) 65 Page - Freescale Semiconductor, Inc

Back Button MPC8323EEC Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC8323EEC Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC8323EEC Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC8323EEC Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC8323EEC Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC8323EEC Datasheet HTML 66Page - Freescale Semiconductor, Inc MPC8323EEC Datasheet HTML 67Page - Freescale Semiconductor, Inc MPC8323EEC Datasheet HTML 68Page - Freescale Semiconductor, Inc MPC8323EEC Datasheet HTML 69Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 82 page
background image
MPC8323E PowerQUICC™ II Pro Integrated Communications Processor Family Hardware Specifications, Rev. 3
Freescale Semiconductor
65
Clocking
22.1
Clocking in PCI Host Mode
When the MPC8323E is configured as a PCI host device (RCWH[PCIHOST] = 1), CLKIN is its primary
input clock. CLKIN feeds the PCI clock divider (
÷2) and the PCI_SYNC_OUT and PCI_CLK_OUT
multiplexors. The CFG_CLKIN_DIV configuration input selects whether CLKIN or CLKIN/2 is driven
out on the PCI_SYNC_OUT signal.
PCI_SYNC_OUT is connected externally to PCI_SYNC_IN to allow the internal clock subsystem to
synchronize to the system PCI clocks. PCI_SYNC_OUT must be connected properly to PCI_SYNC_IN,
with equal delay to all PCI agent devices in the system.
22.1.1
PCI Clock Outputs (PCI_CLK_OUT[0:2])
When the MPC8323E is configured as a PCI host, it provides three separate clock output signals,
PCI_CLK_OUT[0:2], for external PCI agents.
When the device comes out of reset, the PCI clock outputs are disabled and are actively driven to a steady
low state. Each of the individual clock outputs can be enabled (enable toggling of the clock) by setting its
corresponding OCCR[PCICOEn] bit. All output clocks are phase-aligned to each other.
22.2
Clocking in PCI Agent Mode
When the MPC8323E is configured as a PCI agent device, PCI_CLK is the primary input clock. In agent
mode, the CLKIN signal should be tied to GND, and the clock output signals, PCI_CLK_OUTn and
PCI_SYNC_OUT, are not used.
22.3
System Clock Domains
As shown in Figure 43, the primary clock input (frequency) is multiplied up by the system phase-locked
loop (PLL) and the clock unit to create three major clock domains:
•
The coherent system bus clock (csb_clk)
•
The QUICC Engine clock (ce_clk)
•
The internal clock for the DDR controller (ddr_clk)
•
The internal clock for the local bus controller (lb_clk)
The csb_clk frequency is derived from a complex set of factors that can be simplified into the following
equation:
csb_clk = [PCI_SYNC_IN × (1 + ~CFG_CLKIN_DIV)] × SPMF
In PCI host mode, PCI_SYNC_IN × (1 + ~CFG_CLKIN_DIV) is the CLKIN frequency.
The csb_clk serves as the clock input to the e300c2 core. A second PLL inside the core multiplies up the
csb_clk frequency to create the internal clock for the core (core_clk). The system and core PLL multipliers
are selected by the SPMF and COREPLL fields in the reset configuration word low (RCWL) which is
loaded at power-on reset or by one of the hard-coded reset options. See the “Reset Configuration” section
in the MPC8323E PowerQUICC™ II Pro Communications Processor Reference Manual for more
information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com