Electronic Components Datasheet Search
  English  ▼

X  

MPC8323EEC Datasheet(PDF) 44 Page - Freescale Semiconductor, Inc

Part # MPC8323EEC
Description  PowerQUICC??II Pro Integrated Communications Processor Family Hardware Specifications
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8323EEC Datasheet(HTML) 44 Page - Freescale Semiconductor, Inc

Back Button MPC8323EEC Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC8323EEC Datasheet HTML 41Page - Freescale Semiconductor, Inc MPC8323EEC Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC8323EEC Datasheet HTML 43Page - Freescale Semiconductor, Inc MPC8323EEC Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC8323EEC Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC8323EEC Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC8323EEC Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC8323EEC Datasheet HTML 48Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 82 page
background image
MPC8323E PowerQUICC™ II Pro Integrated Communications Processor Family Hardware Specifications, Rev. 3
44
Freescale Semiconductor
UTOPIA
Figure 35 provides the AC test load for the UTOPIA.
Figure 35. UTOPIA AC Test Load
Figure 36 and Figure 37 represent the AC timing from Table 49. Note that although the specifications
generally reference the rising edge of the clock, these AC timing diagrams also apply when the falling edge
is the active edge.
Figure 36 shows the UTOPIA timing with external clock.
Figure 36. UTOPIA AC Timing (External Clock) Diagram
Figure 37 shows the UTOPIA timing with internal clock.
Figure 37. UTOPIA AC Timing (Internal Clock) Diagram
Output
Z0 = 50 Ω
OVDD/2
RL = 50 Ω
UTOPIACLK (Input)
tUEIXKH
tUEIVKH
tUEKHOV
Input Signals:
UTOPIA
Output Signals:
UTOPIA
tUEKHOX
UTOPIACLK (Output)
tUIIXKH
tUIKHOV
Input Signals:
UTOPIA
Output Signals:
UTOPIA
tUIIVKH
tUIKHOX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com