Electronic Components Datasheet Search
  English  ▼

X  

MPC8323EEC Datasheet(PDF) 20 Page - Freescale Semiconductor, Inc

Part # MPC8323EEC
Description  PowerQUICC??II Pro Integrated Communications Processor Family Hardware Specifications
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8323EEC Datasheet(HTML) 20 Page - Freescale Semiconductor, Inc

Back Button MPC8323EEC Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC8323EEC Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC8323EEC Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC8323EEC Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC8323EEC Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC8323EEC Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC8323EEC Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC8323EEC Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC8323EEC Datasheet HTML 24Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 82 page
background image
MPC8323E PowerQUICC™ II Pro Integrated Communications Processor Family Hardware Specifications, Rev. 3
20
Freescale Semiconductor
Ethernet and MII Management
(management data clock). The MII and RMII are defined for 3.3 V. The electrical characteristics for MDIO
and MDC are specified in Section 8.3, “Ethernet Management Interface Electrical Characteristics.”
8.1.1
DC Electrical Characteristics
All MII and RMII drivers and receivers comply with the DC parametric attributes specified in Table 22.
The potential applied to the input of a MII or RMII receiver may exceed the potential of the receiver’s
power supply (that is, a MII driver powered from a 3.6-V supply driving VOH into a MII receiver powered
from a 2.5-V supply). Tolerance for dissimilar MII driver and receiver supply potentials is implicit in these
specifications.
8.2
MII and RMII AC Timing Specifications
The AC timing specifications for MII and RMII are presented in this section.
8.2.1
MII AC Timing Specifications
This section describes the MII transmit and receive AC timing specifications.
8.2.1.1
MII Transmit AC Timing Specifications
Table 23 provides the MII transmit AC timing specifications.
Table 22. MII and RMII DC Electrical Characteristics
Parameter
Symbol
Conditions
Min
Max
Unit
Supply voltage 3.3 V
OVDD
—
2.97
3.63
V
Output high voltage
VOH
IOH = –4.0 mA
OVDD = Min
2.40
OVDD + 0.3
V
Output low voltage
VOL
IOL = 4.0 mA
OVDD = Min
GND
0.50
V
Input high voltage
VIH
——
2.0
OVDD + 0.3
V
Input low voltage
VIL
—
—
–0.3
0.90
V
Input current
IIN
0 V
≤ VIN ≤ OVDD
—±5
μA
Table 23. MII Transmit AC Timing Specifications
At recommended operating conditions with OVDD of 3.3 V ± 10%.
Parameter/Condition
Symbol1
Min
Typical
Max
Unit
TX_CLK clock period 10 Mbps
tMTX
—400
—
ns
TX_CLK clock period 100 Mbps
tMTX
—40
—
ns
TX_CLK duty cycle
tMTXH/tMTX
35
—
65
%
TX_CLK to MII data TXD[3:0], TX_ER, TX_EN delay
tMTKHDX
1
5
15
ns
TX_CLK data clock rise VIL(min) to VIH(max)
tMTXR
1.0
—
4.0
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com