Electronic Components Datasheet Search
  English  ▼

X  

MPC8323EEC Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # MPC8323EEC
Description  PowerQUICC??II Pro Integrated Communications Processor Family Hardware Specifications
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8323EEC Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button MPC8323EEC Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8323EEC Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC8323EEC Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC8323EEC Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC8323EEC Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC8323EEC Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC8323EEC Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC8323EEC Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC8323EEC Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 82 page
background image
MPC8323E PowerQUICC™ II Pro Integrated Communications Processor Family Hardware Specifications, Rev. 3
12
Freescale Semiconductor
RESET Initialization
Table 10 provides the PLL lock times.
5.1
Reset Signals DC Electrical Characteristics
Table 11 provides the DC electrical characteristics for the MPC8323E reset signals mentioned in Table 9.
HRESET/SRESET assertion (output)
512
—
tPCI_SYNC_IN
1
HRESET negation to SRESET negation (output)
16
—
tPCI_SYNC_IN
1
Input setup time for POR configuration signals
(CFG_RESET_SOURCE[0:2] and CFG_CLKIN_DIV) with respect to
negation of PORESET when the MPC8323E is in PCI host mode
4—
tCLKIN
2
Input setup time for POR configuration signals
(CFG_RESET_SOURCE[0:2] and CFG_CLKIN_DIV) with respect to
negation of PORESET when the MPC8323E is in PCI agent mode
4—
tPCI_SYNC_IN
1
Input hold time for POR config signals with respect to negation of
HRESET
0—
ns
—
Time for the MPC8323E to turn off POR configuration signals with respect
to the assertion of HRESET
—4
ns
3
Time for the MPC8323E to turn on POR configuration signals with respect
to the negation of HRESET
1—
tPCI_SYNC_IN
1, 3
Notes:
1. tPCI_SYNC_IN is the clock period of the input clock applied to PCI_SYNC_IN. When the MPC8323E is In PCI host mode the
primary clock is applied to the CLKIN input, and PCI_SYNC_IN period depends on the value of CFG_CLKIN_DIV. See the
MPC8323E PowerQUICC™ II Pro Integrated Communications Processor Reference Manual for more details.
2. tCLKIN is the clock period of the input clock applied to CLKIN. It is only valid when the MPC8323E is in PCI host mode. See
the
MPC8323E PowerQUICC™ II Pro Integrated Communications Processor Reference Manual for more details.
3. POR configuration signals consists of CFG_RESET_SOURCE[0:2] and CFG_CLKIN_DIV.
Table 10. PLL Lock Times
Parameter/Condition
Min
Max
Unit
Notes
PLL lock times
—
100
μs—
Table 11. Reset Signals DC Electrical Characteristics
Characteristic
Symbol
Condition
Min
Max
Unit
Notes
Output high voltage
VOH
IOH = –6.0 mA
2.4
—
V
1
Output low voltage
VOL
IOL = 6.0 mA
—
0.5
V
1
Output low voltage
VOL
IOL = 3.2 mA
—
0.4
V
1
Input high voltage
VIH
—2.0
OVDD +0.3
V
1
Input low voltage
VIL
—
–0.3
0.8
V
—
Input current
IIN
0 V
≤ VIN ≤ OVDD
—
±5
μA—
Note:
1. This specification applies when operating from 3.3 V supply.
Table 9. RESET Initialization Timing Specifications (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com