Electronic Components Datasheet Search
  English  ▼

X  

PAW3101DB Datasheet(PDF) 6 Page - Pixart Imaging Inc.

Part # PAW3101DB
Description  CMOS OPTICAL MOUSE SENSOR
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAW3101DB Datasheet(HTML) 6 Page - Pixart Imaging Inc.

Back Button PAW3101DB Datasheet HTML 2Page - Pixart Imaging Inc. PAW3101DB Datasheet HTML 3Page - Pixart Imaging Inc. PAW3101DB Datasheet HTML 4Page - Pixart Imaging Inc. PAW3101DB Datasheet HTML 5Page - Pixart Imaging Inc. PAW3101DB Datasheet HTML 6Page - Pixart Imaging Inc. PAW3101DB Datasheet HTML 7Page - Pixart Imaging Inc. PAW3101DB Datasheet HTML 8Page - Pixart Imaging Inc. PAW3101DB Datasheet HTML 9Page - Pixart Imaging Inc. PAW3101DB Datasheet HTML 10Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
PixArt Imaging Inc.
PAW3101DB
CMOS Optical Mouse Sensor
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
6
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V3.1 May. 2008
0x03
Delta_X
Bit
7
6
5
4
3
2
1
0
Field
X7
X6
X5
X4
X3
X2
X1
X0
Usage
X movement is counts since last report. Absolute value is determined by resolution. Reading clears
the register. Report range –128 ~ +127.
0x04
Image_Quality
Bit
7
6
5
4
3
2
1
0
Field
Imgqa[7:0]
Usage
Image Quality is a quality level of the mouse sensor in the current frame. Report range 0 ~ 255.
Field Name
Description
Notes
Imgqa[7:0]
Image quality report range: 0(worst) ~ 255(best).
0x14
Product_ID2
Bit
7
6
5
4
3
2
1
0
Field
PID2[11:4]
Usage
The value in this register is fixed. It can be used to verify if the status of the serial communications
link is OK.
0x15
Product_ID3
Bit
7
6
5
4
3
2
1
0
Field
PID2[3:0]
Reserved[3:0]
Usage
The value in this register is fixed. PID2[3:0] can be used to verify if the status of the serial
communications link is OK. Reserved[3:0] is a value between 0x0 and 0xF, but it can’t be used to
verify the status of the serial communications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com