Electronic Components Datasheet Search
  English  ▼

X  

PAW3101DB Datasheet(PDF) 17 Page - Pixart Imaging Inc.

Part # PAW3101DB
Description  CMOS OPTICAL MOUSE SENSOR
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAW3101DB Datasheet(HTML) 17 Page - Pixart Imaging Inc.

Back Button PAW3101DB Datasheet HTML 13Page - Pixart Imaging Inc. PAW3101DB Datasheet HTML 14Page - Pixart Imaging Inc. PAW3101DB Datasheet HTML 15Page - Pixart Imaging Inc. PAW3101DB Datasheet HTML 16Page - Pixart Imaging Inc. PAW3101DB Datasheet HTML 17Page - Pixart Imaging Inc. PAW3101DB Datasheet HTML 18Page - Pixart Imaging Inc. PAW3101DB Datasheet HTML 19Page - Pixart Imaging Inc. PAW3101DB Datasheet HTML 20Page - Pixart Imaging Inc. PAW3101DB Datasheet HTML 21Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
PixArt Imaging Inc.
PAW3101DB
CMOS Optical Mouse Sensor
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
17
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V3.1 May. 2008
Power On Problem - The problem occurs if the mouse sensor powers up before the mouse controller
sets the SCLK and SDIO lines to be output. The mouse sensor and the mouse controller might get out
of synchronization due to power on problem. An easy way to solve this is to use “watchdog timer
timeout”.
ESD Events - The mouse sensor and the mouse controller might get out of synchronization due to ESD
events. An easy way to solve this is to use “watchdog timer timeout”.
6.3 Collision Detection on SDIO
The only time that the mouse sensor drives the SDIO line is during a READ operation. To avoid data collisions,
the mouse controller should release SDIO before the falling edge of SCLK after the last address bit. The mouse
sensor begins to drive SDIO after the next falling edge of SCLK. The mouse sensor release SDIO of the rising
SCLK edge after the last data bit. The mouse controller can begin driving SDIO any time after that. In order to
maintain low power consumption in normal operation, the mouse controller should not leave SDIO floating until
the next transmission (although that will not cause any communication difficulties).
6.4 Power Down Mode
The mouse sensor can be placed in a power-down mode by setting PD_enh bit in the Operation_Mode register
via a serial port write operation. After setting the Operation_Mode register, wait at least 1frame times. To get the
chip out of the power down mode, clear PD_enh bit in the Operation_Mode register via a serial port write
operation. In the power down mode, the serial interface watchdog timer (see Section 5.2) is not available. But,
the serial interface still can read/write normally. For an accurate report after leave the power down mode, wait
about 3ms before the mouse controller is able to issue any write/read operation to the mouse sensor.
1234567
89
1
0
1
1
1
2
1
3
1
4
1
5
1
6
SCLK
SDIO
t PDR
1frame, max
1
0 000
00 0
Address = 0x00
Data = 0x40
010
000 0
0
IDD
Figure 10. Power-down Configuration Register Writing Operation
6.5 Error Detection
1. The mouse controller can verify success of write operations by issuing a read command to the same address
and comparing written data to read data.
2. The mouse controller can verify the synchronization of the serial port by periodically reading the product ID
register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com