Electronic Components Datasheet Search
  English  ▼

X  

PAW3101DB Datasheet(PDF) 8 Page - Pixart Imaging Inc.

Part # PAW3101DB
Description  CMOS OPTICAL MOUSE SENSOR
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAW3101DB Datasheet(HTML) 8 Page - Pixart Imaging Inc.

Back Button PAW3101DB Datasheet HTML 4Page - Pixart Imaging Inc. PAW3101DB Datasheet HTML 5Page - Pixart Imaging Inc. PAW3101DB Datasheet HTML 6Page - Pixart Imaging Inc. PAW3101DB Datasheet HTML 7Page - Pixart Imaging Inc. PAW3101DB Datasheet HTML 8Page - Pixart Imaging Inc. PAW3101DB Datasheet HTML 9Page - Pixart Imaging Inc. PAW3101DB Datasheet HTML 10Page - Pixart Imaging Inc. PAW3101DB Datasheet HTML 11Page - Pixart Imaging Inc. PAW3101DB Datasheet HTML 12Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
PixArt Imaging Inc.
PAW3101DB
CMOS Optical Mouse Sensor
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
8
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V3.1 May. 2008
0x19
Image_Quality
Bit
7
6
5
4
3
2
1
0
Field
Imgqa[7:0]
Usage
Image Quality is a quality level of the mouse sensor in the current frame. Report range 0 ~ 255.
Field Name
Description
Notes
Imgqa[7:0]
Image quality report range: 0(worst) ~ 255(best).
0x1A
Operation_Mode2
Bit
7
6
5
4
3
2
1
0
Field
Reset
PD_enh
0
0
LEDsht_enh
Slp_enh
Slpmu_enh
Wakeup
Usage
Register 0x1A allows the user to change the operation of the mouse sensor. Shown below are the bits,
their default values, and optional values.
Operation_Mode2[2:0]
“0xx” = Disable sleep mode
“110” = Force enter sleep
“101” = Force wakeup from sleep mode
Notes:
1. After 1 sec not moving during normal mode, the mouse sensor will enter sleep mode, and keep on
sleep mode until moving is detected or wakeup is asserted.
2. Only one of these two bits Slpmu_enh and Wakeup can be set to 1 at the one time, and the other
one has to be set to 0. Note that these bits are self-clear.
Field Name
Description
Reset
Full chip reset
0 = Normal operation mode (Default)
1 = Full chip reset
PD_enh
Power down mode
0 = Normal operation mode (Default)
1 = Power down mode
Bit [5:4]
Must always be 00
LEDsht_enh
LED shutter enable/disable
0 = Disable
1 = Enable (Default)
Slp_enh
Sleep mode enable/disable
0 = Disable
1 = Enable (Default)
Slpmu_enh
Manual enter sleep mode, set “1” will enter sleep and this bit will be reset to “0”
Notes
Wakeup
Manual wake up from sleep mode, set “1” will enter wakeup and this bit will be
reset to “0”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com