Electronic Components Datasheet Search
  English  ▼

X  

PAW3101DB Datasheet(PDF) 9 Page - Pixart Imaging Inc.

Part # PAW3101DB
Description  CMOS OPTICAL MOUSE SENSOR
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAW3101DB Datasheet(HTML) 9 Page - Pixart Imaging Inc.

Back Button PAW3101DB Datasheet HTML 5Page - Pixart Imaging Inc. PAW3101DB Datasheet HTML 6Page - Pixart Imaging Inc. PAW3101DB Datasheet HTML 7Page - Pixart Imaging Inc. PAW3101DB Datasheet HTML 8Page - Pixart Imaging Inc. PAW3101DB Datasheet HTML 9Page - Pixart Imaging Inc. PAW3101DB Datasheet HTML 10Page - Pixart Imaging Inc. PAW3101DB Datasheet HTML 11Page - Pixart Imaging Inc. PAW3101DB Datasheet HTML 12Page - Pixart Imaging Inc. PAW3101DB Datasheet HTML 13Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
PixArt Imaging Inc.
PAW3101DB
CMOS Optical Mouse Sensor
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
9
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V3.1 May. 2008
0x1B
Configuration
Bit
7
6
5
4
3
2
1
0
Field
RES
0
1
0
0
1
0
0
Usage
The Configuration register allows the user to change the configuration of the moue sensor. Shown
below are the bits, their default values, and optional values.
Field Name
Description
RES
Output resolution setting
0 = 800 (Default)
1 = 400
Notes
Bit [6:0]
Must always be 0100100
0x40
Operation_Mode3
Bit
7
6
5
4
3
2
1
0
Field
Reset
PD_enh
LEDsht_enh
0
0
0
0
Slp_enl
Usage
Register 0x40 allows the user to change the operation of the mouse sensor. Shown below are the bits,
their default values, and optional values.
If Slp_enl = 0, after 1 sec not moving during normal mode, the mouse sensor will enter sleep mode,
and keep on sleep mode until moving is detected or wakeup is asserted.
Field Name
Description
Reset
Full chip reset
0 = Normal operation mode (Default)
1 = Full chip reset
PD_enh
Power down mode
0 = Normal operation mode (Default)
1 = Power down mode
LEDsht_enh
LED shutter enable/disable
0 = Disable
1 = Enable (Default)
Bit [4:1]
Must always be 0000
Notes
Slp_enl
Sleep mode enable/disable
0 = Enable (Default)
1 = Disable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com