Electronic Components Datasheet Search
  English  ▼

X  

PAW3101DB Datasheet(PDF) 18 Page - Pixart Imaging Inc.

Part # PAW3101DB
Description  CMOS OPTICAL MOUSE SENSOR
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAW3101DB Datasheet(HTML) 18 Page - Pixart Imaging Inc.

Back Button PAW3101DB Datasheet HTML 14Page - Pixart Imaging Inc. PAW3101DB Datasheet HTML 15Page - Pixart Imaging Inc. PAW3101DB Datasheet HTML 16Page - Pixart Imaging Inc. PAW3101DB Datasheet HTML 17Page - Pixart Imaging Inc. PAW3101DB Datasheet HTML 18Page - Pixart Imaging Inc. PAW3101DB Datasheet HTML 19Page - Pixart Imaging Inc. PAW3101DB Datasheet HTML 20Page - Pixart Imaging Inc. PAW3101DB Datasheet HTML 21Page - Pixart Imaging Inc. PAW3101DB Datasheet HTML 22Page - Pixart Imaging Inc.  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
PixArt Imaging Inc.
PAW3101DB
CMOS Optical Mouse Sensor
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
18
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V3.1 May. 2008
7. Referencing Application Circuit
7.1 5V Application Circuit with External LED Control
SW1
L
Q1
2N3906
JP1
USB
1
2
3
4
R2
1.3K
D1
LED
U1
CY7C63231
8
13
12
9
10
16
15
2
1
11
6
18
3
7
17
VREG
D+
D-
XTALIN
XTALOUT
P0.6
P0.7
P0.1
P0.0
VCC
VSS
P0.4
P0.2
VPP
P0.5
U2
PAW3101DB
1
2
3
4
5
6
7
8
OSCIN
OSCOUT
SDIO
SCK
LED
VSS
VDD
VREF
X1
18.432MHz
R4
1K
C3
0.1uF
R5
10
R3
100K
SW3
R
+
C5
10uF
SW2
M
R1
C4
0.1uF
ENSW1
ENCODER
1
2
3
Z2
Z1
COM
C1
1uF
Figure 11. 5V Application Circuit with External LED Control
7.2 5V Application Circuit with Internal LED Control
D1
LED
U1
CY7C63231
8
13
12
9
10
16
15
2
1
11
6
18
3
7
17
VREG
D+
D-
XTALIN
XTALOUT
P0.6
P0.7
P0.1
P0.0
VCC
VSS
P0.4
P0.2
VPP
P0.5
C1
1uF
JP1
USB
1
2
3
4
R2
1.3K
X1
18.432MHz
SW1
L
U2
PAW3101DB
1
2
3
4
5
6
7
8
OSCIN
OSCOUT
SDIO
SCK
LED
VSS
VDD
VREF
C3
0.1uF
R3
10
SW2
M
R1
C4
0.1uF
SW3
R
+
C5
10uF
ENSW1
ENCODER
1
2
3
Z2
Z1
COM
Figure 12. 5V Application Circuit with Internal LED Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com